Electronic Components Datasheet Search
  English  ▼

X  

TLE5309D Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE5309D
Description  Separate supply pins for AMR and GMR sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5309D Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE5309D Datasheet HTML 10Page - Infineon Technologies AG TLE5309D Datasheet HTML 11Page - Infineon Technologies AG TLE5309D Datasheet HTML 12Page - Infineon Technologies AG TLE5309D Datasheet HTML 13Page - Infineon Technologies AG TLE5309D Datasheet HTML 14Page - Infineon Technologies AG TLE5309D Datasheet HTML 15Page - Infineon Technologies AG TLE5309D Datasheet HTML 16Page - Infineon Technologies AG TLE5309D Datasheet HTML 17Page - Infineon Technologies AG TLE5309D Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
Data Sheet
14
V 1.1
2017-10
TLE5309D
Dual GMR/AMR Angle Sensor
Specification
2.2
Absolute maximum ratings
Attention: Stresses above the max. values listed here may cause permanent damage to the device. Exposure
to absolute maximum rating conditions for extended periods may affect device reliability. Maximum
ratings are absolute ratings; exceeding only one of these values may cause irreversible damage to
the device.
Table 3
Absolute maximum ratings
Parameter
Symbol
Values
Unit Note or Test Condition
Min.
Typ.
Max.
Supply voltage
VDD
-0.5
6.5
V
Max. 40 h over lifetime
Ambient temperature1)
1) Assuming a thermal resistance of the sensor assembly in the application of 150 K/W or less.
TA
-40
140
°C
Magnetic field induction
|B|
200
mT Max. 5 min. at TA = 25°C
150
mT Max. 5 h at TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com