Electronic Components Datasheet Search
  English  ▼

X  

LEUWD1W101 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LEUWD1W101
Description  compact lightsource in multi chip on board technology with glass window on top
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEUWD1W101 Datasheet(HTML) 1 Page - OSRAM GmbH

  LEUWD1W101 Datasheet HTML 1Page - OSRAM GmbH LEUWD1W101 Datasheet HTML 2Page - OSRAM GmbH LEUWD1W101 Datasheet HTML 3Page - OSRAM GmbH LEUWD1W101 Datasheet HTML 4Page - OSRAM GmbH LEUWD1W101 Datasheet HTML 5Page - OSRAM GmbH LEUWD1W101 Datasheet HTML 6Page - OSRAM GmbH LEUWD1W101 Datasheet HTML 7Page - OSRAM GmbH LEUWD1W101 Datasheet HTML 8Page - OSRAM GmbH LEUWD1W101 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
2013-05-28
1
2013-05-28
OSRAM OSTAR Headlamp
Datasheet
Version 1.2
LE UW D1W1 01
OSRAM OSTAR Headlamp is designed for
applications where high brightness is requered. Due to
a seamless white colour impression at a maximum
brightness level and its scalable brightness.
Die OSRAM OSTAR Headlamp ist durch ihren
übergangslosen weißen Farbeindruck und der
extremen Helligkeit speziell für Anwendungen mit
hohen Helligkeiten entwickelt worden.
Features:
Besondere Merkmale:
• Package: compact lightsource in multi chip on
board technology with glass window on top
• Gehäusetyp: Kompakte Lichtquelle in Multi-Chip
on board Technologie mit Glasabdeckung
• Technology: ThinGaN
• Technologie: ThinGaN
• Viewing angle at 50 % IV: 120° (Lambertian
Emitter)
• Abstrahlwinkel bei 50 % IV: 120° (Lambertscher
Strahler)
• Color: appropriate to white box ECE/SAE
• Farbe: gemäß Weißfeld ECE/SAE
• ESD - withstand voltage: up to 8kV acc. to IEC
61000-4-2 (contact discharge)
• ESD - Festigkeit: bis 8 kV nach IEC 61000-4-2
(Kontaktentladung)
• Corrosion Robustness: Improved corrosion
robustness
• Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
• Bicycle Lamps
• Fahrradlampe
• Exterior Automotive Lighting
• Automobilbeleuchtung außen
• Floodlight
• Flutlicht


Similar Part No. - LEUWD1W101

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEUWD1W101-5L6M-GMKM-T01 OSRAM-LEUWD1W101-5L6M-GMKM-T01 Datasheet
906Kb / 20P
compact lightsource in multi chip on board technology with glass window on top
More results

Similar Description - LEUWD1W101

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEUWD1W101-5L6M-GMKM-T01 OSRAM-LEUWD1W101-5L6M-GMKM-T01 Datasheet
906Kb / 20P
compact lightsource in multi chip on board technology with glass window on top
LEUWD1W201-7M7N-GMKM-T01 OSRAM-LEUWD1W201-7M7N-GMKM-T01 Datasheet
918Kb / 20P
compact lightsource in multi chip on board technology with glass window on top
LEUWD1W301-7N7P-GMKM-T01 OSRAM-LEUWD1W301-7N7P-GMKM-T01 Datasheet
888Kb / 20P
compact lightsource in multi chip on board technology with glass window on top
LEUWD1W401-5P6Q-GMKM-T01 OSRAM-LEUWD1W401-5P6Q-GMKM-T01 Datasheet
926Kb / 20P
compact lightsource in multi chip on board technology with glass window on top
LEUWD1W501-7P8Q-GMKM-T01 OSRAM-LEUWD1W501-7P8Q-GMKM-T01 Datasheet
929Kb / 20P
compact lightsource in multi chip on board technology with glass window on top
LE-A-G3W OSRAM-LE-A-G3W Datasheet
576Kb / 19P
compact lightsource in multi chip on board technology with glass window on top
LE-A-H3W OSRAM-LE-A-H3W Datasheet
447Kb / 19P
compact lightsource in multi chip on board technology with glass window on top
LE-UW-D1W1-01 OSRAM-LE-UW-D1W1-01 Datasheet
294Kb / 18P
compact lightsource in multi chip on board technology with glass window on top
LE-UW-D1W2-01 OSRAM-LE-UW-D1W2-01 Datasheet
605Kb / 20P
compact lightsource in multi chip on board technology with glass window on top
LE-UW-D1W4-01 OSRAM-LE-UW-D1W4-01 Datasheet
533Kb / 18P
compact lightsource in multi chip on board technology with glass window on top
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com