Electronic Components Datasheet Search
  English  ▼

X  

LEUWD1W101 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LEUWD1W101
Description  compact lightsource in multi chip on board technology with glass window on top
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEUWD1W101 Datasheet(HTML) 4 Page - OSRAM GmbH

  LEUWD1W101 Datasheet HTML 1Page - OSRAM GmbH LEUWD1W101 Datasheet HTML 2Page - OSRAM GmbH LEUWD1W101 Datasheet HTML 3Page - OSRAM GmbH LEUWD1W101 Datasheet HTML 4Page - OSRAM GmbH LEUWD1W101 Datasheet HTML 5Page - OSRAM GmbH LEUWD1W101 Datasheet HTML 6Page - OSRAM GmbH LEUWD1W101 Datasheet HTML 7Page - OSRAM GmbH LEUWD1W101 Datasheet HTML 8Page - OSRAM GmbH LEUWD1W101 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
2013-05-28
4
Version 1.2
LE UW D1W1 01
Characteristics (TBoard = 25 °C; IF = 700 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Chromaticity coordinates acc. to CIE 1931
2) page 17
Farbkoordinaten nach CIE 1931 2) Seite 17
(typ.)
(typ.)
Cx
Cy
0.31
0.32
-
-
Viewing angle at 50 % IV
Abstrahlwinkel bei 50 % IV
(typ.)
2
120
°
Forward voltage 3) page 17
Durchlassspannung 3)Seite 17
(min.)
(typ.)
(max.)
VF
VF
VF
2.90
3.70
4.20
V
V
V
Reverse current
Sperrstrom
IR
not designed for
reverse operation
Radiating surface
Abstrahlende Fläche
(typ.)
Acolor
1mm²
Thermal resistance junction / board 4) page 17
Wärmewiderstand Sperrschicht / Board 4)Seite 17
(typ.)
(max.)
Rth JB real
Rth JB real
8.3
10.2
K/W
K/W
Thermal resistance junction / board 4) page 17
Wärmewiderstand Sperrschicht / Board 4)Seite 17
(with efficiency e = 20 %)
(typ.)
(max.)
Rth JB el
Rth JB el
6.6
8.2
K/W
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com