Electronic Components Datasheet Search
  English  ▼

X  

LEUWD1W101 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LEUWD1W101
Description  compact lightsource in multi chip on board technology with glass window on top
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEUWD1W101 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LEUWD1W101 Datasheet HTML 6Page - OSRAM GmbH LEUWD1W101 Datasheet HTML 7Page - OSRAM GmbH LEUWD1W101 Datasheet HTML 8Page - OSRAM GmbH LEUWD1W101 Datasheet HTML 9Page - OSRAM GmbH LEUWD1W101 Datasheet HTML 10Page - OSRAM GmbH LEUWD1W101 Datasheet HTML 11Page - OSRAM GmbH LEUWD1W101 Datasheet HTML 12Page - OSRAM GmbH LEUWD1W101 Datasheet HTML 13Page - OSRAM GmbH LEUWD1W101 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
2013-05-28
10
Version 1.2
LE UW D1W1 01
Relative Forward Voltage 5) page17
Relative Vorwärtsspannung 5) Seite 17
VF = VF - VF(25°C) = f(Tj); IF = 700 mA
Relative Luminous Flux 5) page 17
Relative Lichtstrom 5) Seite 17
V/ V(25 °C) = f(Tj); IF = 700 mA
Chromaticity Coordinate Shift 5) page 17
Farbortverschiebung 5) Seite 17
Cx, Cy = f(Tj); IF = 700 mA
LE UW D1W1 01
-40 -20 0 20 40 60 80 100 120
Tj [°C]
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
ΔVF [V]
LE UW D1W1 01
-40 -20 0 20406080 100 120
Tj [°C]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Φv
Φv(25°C)
LE UW D1W1 01
-40 -20 0 20 40 60 80 100 120
Tj [°C]
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
ΔCx
ΔCy
: Δ Cx
: Δ Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com