Electronic Components Datasheet Search
  English  ▼

X  

LEUWD1W101 Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LEUWD1W101
Description  compact lightsource in multi chip on board technology with glass window on top
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEUWD1W101 Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LEUWD1W101 Datasheet HTML 7Page - OSRAM GmbH LEUWD1W101 Datasheet HTML 8Page - OSRAM GmbH LEUWD1W101 Datasheet HTML 9Page - OSRAM GmbH LEUWD1W101 Datasheet HTML 10Page - OSRAM GmbH LEUWD1W101 Datasheet HTML 11Page - OSRAM GmbH LEUWD1W101 Datasheet HTML 12Page - OSRAM GmbH LEUWD1W101 Datasheet HTML 13Page - OSRAM GmbH LEUWD1W101 Datasheet HTML 14Page - OSRAM GmbH LEUWD1W101 Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Version 1.2
LE UW D1W1 01
2013-05-28
11
Max. Permissible Forward Current
Max. zulässiger Durchlassstrom
IF = f (T)
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit IF = f(tp)
D: Duty cycle
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit IF = f(tp)
D: Duty cycle
LE UW D1W1 01
0
20
40
60
80
100 120 140
TB [°C]
0
100
200
300
400
500
600
700
800
900
1000
1100
IF [mA]
Do not use below 100 mA
10
10
0.9
-2
-3
-4
-5
10
10
10
F
I
A
P
t
=
D
T
2
1
0
-1 10
tp
10 s 10
LE UW D1W1 01-P25-0
T
t
P
I
F
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.1
0.01
0.5
1
0.1
0.2
0.02
0.05
0.005
=
D
0.33
TB = 0°C... 110°C
0.01
-1
-5
-4
-3
-2
10
10
10
10
10
0.6
012
10
s
tp
10
10
0.5
1
0.2
0.1
0.05
0.02
A
I
F
t
P
D
T
=
=
0.005
D
T
P
t
I
F
LE UW D1W1 01-P0
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
TB =125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com