Electronic Components Datasheet Search
  English  ▼

X  

MP1601 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP1601
Description  1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1601 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP1601 Datasheet HTML 12Page - Monolithic Power Systems MP1601 Datasheet HTML 13Page - Monolithic Power Systems MP1601 Datasheet HTML 14Page - Monolithic Power Systems MP1601 Datasheet HTML 15Page - Monolithic Power Systems MP1601 Datasheet HTML 16Page - Monolithic Power Systems MP1601 Datasheet HTML 17Page - Monolithic Power Systems MP1601 Datasheet HTML 18Page - Monolithic Power Systems MP1601 Datasheet HTML 19Page - Monolithic Power Systems MP1601 Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
MP1601 – 1A, SYNCHRONOUS, STEP-DOWN CONVERTER WITH 11µA IQ
MP1601 Rev. 1.0
www.MonolithicPower.com
16
3/24/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Power
Good
Indictor
(Only
for
the
MP1601GTF-XX)
The MP1601 has an open drain and requires an
external pull-up resistor between 100kΩ~500kΩ
for the power good indicator. (Note: Keep PG
pulls up voltage is not more than Vin). When
VFB is within -10% of regulation voltage, VPG is
pulled up to VIN by the external resistor. If VFB
exceeds the
-10% window, the internal
MOSFET pulls PG to ground. The MOSFET
has a maximum RDS(ON) of less than 400Ω.
Current Limit
The MP1601 has a 2.4A high-side switch
current limit, typically. When the high-side
switch reaches its current limit, the MP1601
remains in hiccup mode until the current drops.
This prevents the inductor current from
continuing to rise and damaging components.
Short Circuit and Recovery
The MP1601 enters short-circuit protection
mode when it reaches the current limit and
attempts to recover with hiccup mode. In this
process, the MP1601 disables the output power
stage, discharges the soft-start capacitor, and
then attempts to soft start again automatically. If
the short-circuit condition remains after the soft-
start ends, the MP1601 repeats this cycle until
the short-circuit disappears and the output rises
back to regulation level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com