Electronic Components Datasheet Search
  English  ▼

X  

MP1601 Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP1601
Description  1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1601 Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP1601 Datasheet HTML 12Page - Monolithic Power Systems MP1601 Datasheet HTML 13Page - Monolithic Power Systems MP1601 Datasheet HTML 14Page - Monolithic Power Systems MP1601 Datasheet HTML 15Page - Monolithic Power Systems MP1601 Datasheet HTML 16Page - Monolithic Power Systems MP1601 Datasheet HTML 17Page - Monolithic Power Systems MP1601 Datasheet HTML 18Page - Monolithic Power Systems MP1601 Datasheet HTML 19Page - Monolithic Power Systems MP1601 Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
MP1601 – 1A, SYNCHRONOUS, STEP-DOWN CONVERTER WITH 11µA IQ
MP1601 Rev. 1.0
www.MonolithicPower.com
18
3/24/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The
input
capacitor can
be
electrolytic,
tantalum, or ceramic. When using electrolytic or
tantalum capacitors, add a small, high-quality
ceramic 0.1μF capacitor as close to the IC as
possible. When using ceramic capacitors,
ensure that they have enough capacitance to
provide a sufficient charge to prevent excessive
voltage ripple at the input. The input voltage
ripple caused by capacitance can be estimated
with Equation (7):
LOAD
OUT
OUT
IN
IN
SIN
IV
V
V1
fC1
V
V


 


(7)
Selecting the Output Capacitor
The output capacitor (C2) stabilizes the DC
output
voltage.
Ceramic
capacitors
are
recommended. For best results, use low ESR
capacitors to limit the output voltage ripple. The
output voltage ripple can be estimated with
Equation (8):
OUT
OUT
OUT
ESR
S1
IN
S
VV
1
V1
R
fL
V
8 f
C2



 


 
 
(8)
Where L1 is the inductor value and RESR is the
equivalent series resistance (ESR) value of the
output capacitor.
When
using
ceramic
capacitors,
the
capacitance dominates the impedance at the
switching frequency and causes most of the
output voltage ripple. For simplification, the
output voltage ripple can be estimated with
Equation (9):
OUT
OUT
OUT
2
S1
IN
VV
∆V1
8f
L
C2
V

 

 

(9)
For tantalum or electrolytic capacitors, the ESR
dominates the impedance at the switching
frequency. For simplification, the output ripple
can be approximated with Equation (10):
OUT
OUT
OUT
ESR
IN
S1
VV
∆V1
R
fL
V

 


(10)
The characteristics of the output capacitor also
affect the stability of the regulation system.
PCB Layout Guidelines
Efficient PCB layout is critical for stable
operation. For the high-frequency switching
converter, a poor layout design can result in
poor line or load regulation and stability issues.
For best results, refer to Figure 11 and follow
the guidelines below.
1. Place the high-current paths (GND, IN, and
SW) very close to the device with short,
direct, and wide traces.
2. Place the input capacitor as close to IN and
GND as possible.
3. Place the external feedback resistors next
to FB.
4. Keep the switching node SW short and
away from the feedback network.
5. Keep the VOUT sense line as short as
possible or keep it away from the power
inductor.
Figure 11: Two Ends of the Input Decoupling
Capacitor Close to Pin 2 and Pin 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com