Electronic Components Datasheet Search
  English  ▼

X  

MP1601 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP1601
Description  1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1601 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP1601 Datasheet HTML 10Page - Monolithic Power Systems MP1601 Datasheet HTML 11Page - Monolithic Power Systems MP1601 Datasheet HTML 12Page - Monolithic Power Systems MP1601 Datasheet HTML 13Page - Monolithic Power Systems MP1601 Datasheet HTML 14Page - Monolithic Power Systems MP1601 Datasheet HTML 15Page - Monolithic Power Systems MP1601 Datasheet HTML 16Page - Monolithic Power Systems MP1601 Datasheet HTML 17Page - Monolithic Power Systems MP1601 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
MP1601 – 1A, SYNCHRONOUS, STEP-DOWN CONVERTER WITH 11µA IQ
MP1601 Rev. 1.0
www.MonolithicPower.com
14
3/24/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
OPERATION
The MP1601 uses constant-on-time control with
an input voltage feed-forward to stabilize the
switching frequency over the full input range. It
achieves 1A of continuous output current from a
2.3V-to-5.5V input voltage range with excellent
load and line regulation. The output voltage can
be regulated as low as 0.6V.
Constant-on-Time Control
Compared to fixed-frequency PWM control,
constant-on-time control offers a simpler control
loop and a faster transient response. By using
an input voltage feed-forward, the MP1601
maintains a nearly constant switching frequency
across the input and output voltage ranges. The
switching pulse on time can be estimated with
Equation (1):
OUT
ON
IN
V
T0.454 s
V

(1)
To prevent inductor current runaway during the
load transient, the MP1601 uses a fixed
minimum off time of 60ns.
Sleep Mode Operation
The MP1601 uses sleep mode to achieve high
efficiency at extremely light loads. In sleep
mode, most of the circuit blocks are turned off,
except the error amplifier and the PWM
comparator. Therefore, the operating current is
reduced to a minimal value (see Figure 2).
Figure 2: Operation Blocks in Sleep Mode
When the load becomes lighter, the output
voltage ripple is bigger and drives the error
amplifier output (EAO) lower. When the EAO
hits an internal low threshold, it clamps at that
level, and the MP1601 enters sleep mode.
During sleep mode, the valley of the FB voltage
is regulated to the internal reference voltage,
making the average output voltage slightly
higher than the output voltage at DCM or CCM.
The on-time pulse in sleep mode is around 40%
larger than that in DCM or CCM. Figure 3
shows the average FB voltage relationship with
the internal reference at sleep mode.
Figure 3: FB Average Voltage at Sleep Mode
When the MP1601 is in sleep mode, the
average output voltage is higher than the
internal reference voltage. The EAO is kept low
and clamped in sleep mode. When the loading
increases,
the
PWM
switching
period
decreases to keep the output voltage regulated,
and the output voltage ripple decreases as well.
Once the EAO is higher than the internal low
threshold, the MP1601 exits sleep mode and
enters DCM or CCM, depending on the load. In
DCM or CCM, the EAO regulates the average
output voltage to the internal reference (see
Figure 4).
Figure 4: DCM Control
There is always a loading hysteresis when
entering and exiting sleep mode due to the
error amplifier clamping response time.
AAM Operation at Light-Load Operation
The MP1601 uses an advanced asynchronous
modulation (AAM) power-save mode with a
zero-current cross detection (ZCD) circuit for
light loads.
The MP1601 uses AAM power-save mode in
light loads (see Figure 5). The AAM current
(IAAM) is set internally. The SW on pulse time is
decided by an on-time generator and AAM
comparator. At light-load condition, the SW on
the pulse time is stretched. The AAM
comparator pulse is longer than the on-time
generator. The mode of operation is below in
Figure 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com