Electronic Components Datasheet Search
  English  ▼

X  

MP1601 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP1601
Description  1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1601 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP1601 Datasheet HTML 5Page - Monolithic Power Systems MP1601 Datasheet HTML 6Page - Monolithic Power Systems MP1601 Datasheet HTML 7Page - Monolithic Power Systems MP1601 Datasheet HTML 8Page - Monolithic Power Systems MP1601 Datasheet HTML 9Page - Monolithic Power Systems MP1601 Datasheet HTML 10Page - Monolithic Power Systems MP1601 Datasheet HTML 11Page - Monolithic Power Systems MP1601 Datasheet HTML 12Page - Monolithic Power Systems MP1601 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
MP1601 – 1A, SYNCHRONOUS, STEP-DOWN CONVERTER WITH 11µA IQ
MP1601 Rev. 1.0
www.MonolithicPower.com
9
3/24/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (CONTINUED)
VIN = 5V, VOUT = 1.2V, L = 1.0µH, TA = +25°C, unless otherwise noted.
VOUT/AC
50mV/div.
VOUT/AC
100mV/div.
VIN
5V/div.
IL
500mA/div.
Steady State
without Load
Steady State
with 1A Load
VOUT
1V/div.
VIN
5V/div.
VSW
5V/div.
IL
1A/div.
VOUT
1V/div.
VIN
5V/div.
VSW
5V/div.
IL
1A/div.
VOUT
1V/div.
VIN
5V/div.
VSW
5V/div.
IL
1A/div.
VIN Power Up
without Load
VIN Shut Down
without Load
VIN Power Up
with 1A Load
VIN
5V/div.
VSW
2V/div.
IL
0.2A/div.
VOUT/AC
20mV/div.
VIN
5V/div.
VSW
2V/div.
IL
0.2A/div.
VOUT/AC
50mV/div.
VIN
5V/div.
VSW
2V/div.
IL
1A/div.
Steady State
VIN=3.6V, VOUT=3.3V, IOUT=0.05A, AAM
Steady State
VIN=3.6V, VOUT=3.3V, IOUT=1A, AAM
Steady State
VIN=3.6V, VOUT=3.3V, IOUT=0.25A, AAM
VSW
2V/div.
VOUT/AC
10mV/div.
VIN
5V/div.
IL
1A/div.
VSW
2V/div.
Steady State
VIN=3.6V, VOUT=3.3V, IOUT=0A
VOUT/AC
100mV/div.
VIN
5V/div.
IL
0.2A/div.
VSW
5V/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com