Electronic Components Datasheet Search
  English  ▼

X  

MP1601 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP1601
Description  1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1601 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP1601 Datasheet HTML 1Page - Monolithic Power Systems MP1601 Datasheet HTML 2Page - Monolithic Power Systems MP1601 Datasheet HTML 3Page - Monolithic Power Systems MP1601 Datasheet HTML 4Page - Monolithic Power Systems MP1601 Datasheet HTML 5Page - Monolithic Power Systems MP1601 Datasheet HTML 6Page - Monolithic Power Systems MP1601 Datasheet HTML 7Page - Monolithic Power Systems MP1601 Datasheet HTML 8Page - Monolithic Power Systems MP1601 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MP1601
1A, Synchronous, Step-Down Converter
with 11µA Quiescent Current
in SOT563
MP1601 Rev. 1.0
www.MonolithicPower.com
1
3/24/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP1601 is a monolithic, step-down, switch-
mode converter with built-in, internal power
MOSFETs. It can achieve 1A of continuous
output current from a 2.3V-to-5.5V input voltage
range with excellent load and line regulation.
The output voltage can be regulated as low as
0.6V.
The constant-on-time control scheme provides
a fast transient response and eases loop
stabilization. Fault protections include cycle-by-
cycle current limiting and thermal shutdown.
The MP1601 is available in an ultra-small
SOT563 package and requires a minimal
number of readily available, standard, external
components.
The MP1601 is ideal for a wide range of
applications including high-performance DSPs,
wireless power, portable and mobile devices,
and other low-power systems.
FEATURES
 Low Quiescent Current: 11μA
 2.2MHz Switching Frequency
 EN for Power Sequencing
 Power Good Only for Fixed Output Version
 Wide 2.3V-to-5.5V Operating Input Range
 Output Adjustable from 0.6V
 Up to 1A of Output Current
 160mΩ and 120mΩ Internal Power
MOSFET Switches
 Output Discharging
 Short-Circuit Protection (SCP) with Hiccup
Mode
 Stable with Low ESR Output Ceramic
Capacitors
 100% Duty Cycle
 Available in a SOT563 Package
APPLICATIONS
 Wireless/Networking Cards
 Portable and Mobile Devices
 Battery-Powered Devices
 Low-Voltage I/O System Power
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under
Quality Assurance. “MPS” and “The Future of Analog IC Technology” are
registered trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP1601
GND
FB
VIN
C1
10μF
EN
VIN
5V
VOUT
1.2V/1A
SW
C2
10μF
R1
200kΩ
R2
200kΩ
EN
OUT
L1
1μH


Similar Part No. - MP1601

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
MP1601 MULTICOMP-MP1601 Datasheet
983Kb / 3P
19Instrument Control KnobsNewark.
09/09/22 V1.1
logo
Monolithic Power System...
MP1601A MPS-MP1601A Datasheet
1Mb / 17P
1A Synchronous Step-down Converter with Forced CCM Mode
MP1601AGTF MPS-MP1601AGTF Datasheet
1Mb / 17P
1A Synchronous Step-down Converter with Forced CCM Mode
More results

Similar Description - MP1601

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3621 LINER-LTC3621_15 Datasheet
289Kb / 18P
17V, 1A Synchronous Step-Down Regulator with 3.5A Quiescent Current
LTC3621-2 LINER-LTC3621-2_15 Datasheet
289Kb / 18P
17V, 1A Synchronous Step-Down Regulator with 3.5A Quiescent Current
LTC3622 LINER-LTC3622_15 Datasheet
593Kb / 24P
17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
logo
Monolithic Power System...
MPQ4431 MPS-MPQ4431 Datasheet
1Mb / 28P
36V, 1A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MP1605 MPS-MP1605 Datasheet
1Mb / 18P
2A, Synchronous, Step-Down Converter with Low 11uA Quiescent Current
MP2141N MPS-MP2141N Datasheet
1Mb / 19P
1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
MP2148 MPS-MP2148 Datasheet
702Kb / 20P
1A Synchronous Step-down Converter with 11uA Iq in Ultra-small 1x1.5mm QFN
MP4431 MPS-MP4431 Datasheet
1Mb / 27P
36V, 1A, Low Quiescent Current, Synchronous, Step-Down Converter
EV2141N-TF-00A MPS-EV2141N-TF-00A Datasheet
357Kb / 8P
1A Synchronous Step-down Converter with 11uA Iq in a Tiny SOT
EV2148-QD-00B MPS-EV2148-QD-00B Datasheet
395Kb / 8P
1A Synchronous Step-down Converter with 11uA Iq in Ultra-small 1x1.5mm QFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com