Electronic Components Datasheet Search
  English  ▼

X  

MP2166GD Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP2166GD
Description  6V, Dual 2A/2A or 3A/1A, Low Quiescent Current, Synchronous Buck with PG and SS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2166GD Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP2166GD Datasheet HTML 11Page - Monolithic Power Systems MP2166GD Datasheet HTML 12Page - Monolithic Power Systems MP2166GD Datasheet HTML 13Page - Monolithic Power Systems MP2166GD Datasheet HTML 14Page - Monolithic Power Systems MP2166GD Datasheet HTML 15Page - Monolithic Power Systems MP2166GD Datasheet HTML 16Page - Monolithic Power Systems MP2166GD Datasheet HTML 17Page - Monolithic Power Systems MP2166GD Datasheet HTML 18Page - Monolithic Power Systems MP2166GD Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
MP2166
– 6V, DUAL 2A/2A OR 3A/1A, SYNC, BUCK REGULATOR WITH PG AND SS
MP2166 Rev. 1.0
www.MonolithicPower.com
15
3/14/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Oscillator and Sync Function
The internal oscillator frequency is set by a single
external resistor (RFREQ) connected between
FREQ and ground. The frequency setting resistor
should be located close to the device. The
relationship between the oscillator frequency and
RFREQ is shown in Figure 4.
Figure 4: FSW vs. RFREQ
FREQ can also be used to synchronize the
internal oscillator to an external clock. The
rising
edge
of
the
channel
1
clock
is
synchronized to the external clock rising edge,
while the channel 2 clock remains at 180°out-
of-phase to channel 1. The recommended
external SYNC frequency is in the range of
350kHz to 3MHz. While there is no pulse width
requirement, note that there is always parasitic
capacitance of the pad there, so if the pulse
width is too short, a clear rising and falling edge
may not be seen. The pulse is recommended to
be longer than 100ns.
Power Good (PG)
The MP2166 has one power good (PG) output
to indicate normal operation after the soft-start
time. PG is the open drain of an internal
MOSFET. It should be connected to VIN, VCC,
or an external voltage source through a resistor
(i.e.: 100k
Ω). After the input voltage is applied,
the MOSFET is turned on and PG is pulled to
GND before SS is ready. After the FB voltage
reaches 82% of the reference voltage (VREF),
the MOSFET turns off and PG is pulled high by
an external voltage source. When the FB
voltage drops to 76% of VREF, the PG voltage is
pulled to GND to indicate a failure output.
Current Limit and Short Circuit
Each channel of the MP2166 has a typical 4.5A
current limit for the high-side switch. When the
current limit condition is sustained for a pre-
defined period of time, the MP2166 treats this
as a short and attempts to recover with hiccup
mode.
In hiccup mode, the MP2166 disables the output
power stage, slowly discharges the soft-start
cap, and soft starts automatically. If the short-
circuit condition still remains, the MP2166
repeats this operation cycle until the short
circuit is removed and the output rises back to
regulation levels.
Dropout Operation
The MP2166 allows the high-side switch to
remain on for more than one switching cycle and
increases the duty cycle while the input voltage
drops down to the output voltage. When the duty
cycle reaches 100%, the high-side switch is on to
deliver current to the output up to its current limit.
The output voltage is then the difference between
the input voltage and the voltage drop across the
main switch and the inductor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com