Electronic Components Datasheet Search
  English  ▼

X  

MP2166GD Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP2166GD
Description  6V, Dual 2A/2A or 3A/1A, Low Quiescent Current, Synchronous Buck with PG and SS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2166GD Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP2166GD Datasheet HTML 13Page - Monolithic Power Systems MP2166GD Datasheet HTML 14Page - Monolithic Power Systems MP2166GD Datasheet HTML 15Page - Monolithic Power Systems MP2166GD Datasheet HTML 16Page - Monolithic Power Systems MP2166GD Datasheet HTML 17Page - Monolithic Power Systems MP2166GD Datasheet HTML 18Page - Monolithic Power Systems MP2166GD Datasheet HTML 19Page - Monolithic Power Systems MP2166GD Datasheet HTML 20Page - Monolithic Power Systems MP2166GD Datasheet HTML 21Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
MP2166
– 6V, DUAL 2A/2A OR 3A/1A, SYNC, BUCK REGULATOR WITH PG AND SS
MP2166 Rev. 1.0
www.MonolithicPower.com
19
3/14/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
2
4
12
10
5
SW1
FB1
FB2
SW2
9
18
17
15
14
SS1
PG1
PG2
SS2
EN2
EN1
MP2166
22uF
C1A
16V
22uF
16V
2.7V-6V
EN2
0.1uF
C1B
16V
EN1
100k
R4
100k
R9
75k
R11
C4
50V
C3
JP1
VCC
AGND
CCM
AAM
10
R7
100k
R8
C1C
C1D
22uF
C2C
22uF
C2D
Vout2
1.5uH
L2
10
R5
100k
R6
22uF
C2A
Vout1
1.5uH
L1
22uF
C2B
0805
0805
0805
0805
16V
16V
0805 0805
16V
16V
0805
0805
1.5nF
50V
1.5nF
1.2V/1A
1.8V/2A
100k
R3
100K
R1
0.1uF
16V
VIN
GND
0.1uF
C5
CHB
CHA
100k
R12
49.9k
R18
NC
C11
R17
NC
C8
R19
R16
100k
NC
R15
100k
NC
PG2
PG1
Figure 7: 2A/2A Application Circuit
2
4
12
10
5
SW1
FB1
FB2
SW2
9
18
17
15
14
SS1
PG1
PG2
SS2
EN2
EN1
MP2166
22uF
C1A
16V
22uF
16V
2.7V-6V
EN2
0.1uF
C1B
16V
EN1
100k
R4
100k
R9
75k
R11
C4
50V
C3
JP1
VCC
AGND
CCM
AAM
10
R7
100k
R8
C1C
C1D
22uF
C2C
22uF
C2D
Vout2
1.5uH
L2
10
R5
100k
R6
22uF
C2A
Vout1
0.68uH
L1
22uF
C2B
0805
0805
0805
0805
16V
16V
0805 0805
16V
16V
0805
0805
1.5nF
50V
1.5nF
1.2V/1A
1.8V/3A
100k
R3
100K
R1
0.1uF
16V
VIN
GND
0.1uF
C5
CHB
CHA
100k
R12
49.9k
R18
NC
C11
R17
NC
C8
R19
R16
100k
NC
R15
100k
NC
PG2
PG1
Figure 8: 3A/1A Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com