Electronic Components Datasheet Search
  English  ▼

X  

MP2166GD Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP2166GD
Description  6V, Dual 2A/2A or 3A/1A, Low Quiescent Current, Synchronous Buck with PG and SS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2166GD Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP2166GD Datasheet HTML 13Page - Monolithic Power Systems MP2166GD Datasheet HTML 14Page - Monolithic Power Systems MP2166GD Datasheet HTML 15Page - Monolithic Power Systems MP2166GD Datasheet HTML 16Page - Monolithic Power Systems MP2166GD Datasheet HTML 17Page - Monolithic Power Systems MP2166GD Datasheet HTML 18Page - Monolithic Power Systems MP2166GD Datasheet HTML 19Page - Monolithic Power Systems MP2166GD Datasheet HTML 20Page - Monolithic Power Systems MP2166GD Datasheet HTML 21Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
MP2166
– 6V, DUAL 2A/2A OR 3A/1A, SYNC, BUCK REGULATOR WITH PG AND SS
MP2166 Rev. 1.0
www.MonolithicPower.com
17
3/14/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Power Dissipation
IC power dissipation is important in circuit
design, not only because of efficiency concerns,
but also because of the chip’s thermal
requirements. Several parameters influence
power dissipation, such as conduction loss
(Cond), dead time (DT), switching loss (SW),
MOSFET driver current (DR), and supply
current (S).
Based on these parameters, we can estimate
the power loss with Equation (7):
S
DR
SW
DT
Cond
LOSS
P
P
P
P
P
P
(7)
Thermal Regulation
Changes
in
IC
temperatures
change
the
electrical characteristics, especially when the
temperature exceeds the IC’s recommended
operating
range.
Managing
the
IC’s
temperature requires additional considerations
to ensure that the IC runs within the maximum
allowable temperature junction. Specific layout
designs can improve the thermal profile while
limiting
costs
to
either
the
efficiency
or
operating range.
For the MP2166, connect the ground pin on the
package to a ground plane on top of the PCB to
use this plane as a heat sink. Connect this
ground plane to the ground planes beneath the
IC using vias to improve heat dissipation.
However, given that these ground planes can
introduce unwanted EMI noise and occupy
valuable PCB space, design their size and
shape
to
match
the
thermal
resistance
requirement.
Connecting the ground pin to a heat sink cannot
guarantee that the IC will not exceed its
recommended
temperature
limits
(i.e.:
the
ambient
temperature
exceeds
the
IC’s
temperature
limits).
If
the
ambient
air
temperature approaches the IC’s temperature
limit, the IC can be de-rated to operate using
less power and help prevent thermal damage
and unwanted electrical characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com