Electronic Components Datasheet Search
  English  ▼

X  

EN29F800 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # EN29F800
Description  8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 5.0 Volt-only
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EN29F800 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button EN29F800 Datasheet HTML 18Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 19Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 20Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 21Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 22Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 23Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 24Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 25Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
4800 Great America Parkway, Suite 202
Tel: 408-235-8680
Santa Clara, CA 95054
Fax: 408-235-8685
22
EN29F800
Rev. E, Issue Date: 2001/07/05
Test Conditions
Test Specifications
Test Conditions
-45
-55
-70
-90
Unit
Output Load
1 TTL Gate
Output Load Capacitance, CL
30
30
100
100
pF
Input Rise and Fall times
5
5
20
20
ns
Input Pulse Levels
0.0-0.3
0.0-0.3
0.45-2.4
0.45-2.4
V
Input timing measurement
reference levels
1.5
1.5
0.8, 2.0
0.8, 2.0
V
Output timing measurement
reference levels
1.5
1.5
0.8, 2.0
0.8, 2.0
V
Device Under Test
CL
6.2 k
Ω
2.7 k
Ω
5.0 V
Note: Diodes are IN3064 or equivalent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com