Electronic Components Datasheet Search
  English  ▼

X  

EN29F800 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # EN29F800
Description  8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 5.0 Volt-only
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EN29F800 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button EN29F800 Datasheet HTML 6Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 7Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 8Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 9Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 10Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 11Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 12Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 13Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
4800 Great America Parkway, Suite 202
Tel: 408-235-8680
Santa Clara, CA 95054
Fax: 408-235-8685
10
EN29F800
Rev. E, Issue Date: 2001/07/05
COMMAND DEFINITIONS
The operations of the EN29F800 are selected by one or more commands written into the command
register to perform Read/Reset Memory, Read ID, Read Sector Protection, Program, Sector Erase,
Chip Erase, Erase Suspend and Erase Resume. Commands are made up of data sequences
written at specific addresses via the command register. The sequences for the specified operation
are defined in the Command Definitions table (Table 5). Incorrect addresses, incorrect data values
or improper sequences will reset the device to Read Mode.
Table 5. EN29F800 Command Definitions
Bus Cycles
1
st
Write Cycle
2
nd
Write Cycle
3
rd
Write Cycle
4
th
Write Cycle
5
th
Write Cycle
6
th
Write Cycle
Command
Sequence
Add
Data
Add
Data
Add
Data
Add
Data
Add
Data
Add
Data
Read
1
RA
RD
Reset
1
xxx
F0
Word
555
2AA
555
Manufacturer
ID
Byte
4
AAA
AA
555
55
AAA
90
000/
100
7F/
1C
Word
555
2AA
555
001/
101
7F/
2289
Device ID
Top Boot
Byte
4
AAA
AA
555
55
AAA
90
002/
102
7F/
89
Word
555
2AA
555
001/
101
7F/
228A
Device ID
Bottom Boot
Byte
4
AAA
AA
555
55
AAA
90
002/
102
7F/
8A
XX00
Word
555
2AA
555
(SA)
X02
XX01
00
Sector
Protect Verify
Byte
4
AAA
AA
555
55
AAA
90
(SA)
X04
01
Word
555
2AA
555
Program
Byte
4
AAA
AA
555
55
AAA
A0
PA
PD
Word
555
2AA
555
555
2AA
555
Chip Erase
Byte
6
AAA
AA
555
55
AAA
80
AAA
AA
555
55
AAA
10
Word
555
2AA
555
555
2AA
Sector Erase
Byte
6
AAA
AA
555
55
AAA
80
AAA
AA
555
55
SA
30
Erase Suspend
1
xxx
B0
Erase Resume
1
xxx
30
Address and Data values indicated in hex
RA = Read Address: address of the memory location to be read. This is a read cycle.
RD = Read Data: data read from location RA during Read operation. This is a read cycle.
PA = Program Address: address of the memory location to be programmed. X = Don’t-Care.
PD = Program Data: data to be programmed at location PA
SA = Sector Address: address of the Sector to be erased or verified. Address bits A18-A12 uniquely select any Sector.
Reading Array Data
The device is automatically set to reading array data after power up. No commands are required to
retrieve data. The device is also ready to read array data after completing an Embedded Program or
Embedded Erase algorithm.
Following an Erase Suspend command, Erase Suspend mode is entered. The system can read array data
using the standard read timings, with the only difference in that if it reads at an address within erase
suspended sectors, the device outputs status data. After completing a programming operation in the Erase
Suspend mode, the system may once again read array data with the same exception.
The Reset command must be issued to re-enable the device for reading array data if DQ5 goes high, or while
in the autoselect mode. See next section for details on Reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com