Electronic Components Datasheet Search
  English  ▼

X  

EN29F800 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # EN29F800
Description  8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 5.0 Volt-only
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EN29F800 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button EN29F800 Datasheet HTML 23Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 24Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 25Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 26Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 27Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 28Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 29Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 30Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
4800 Great America Parkway, Suite 202
Tel: 408-235-8680
Santa Clara, CA 95054
Fax: 408-235-8685
27
EN29F800
Rev. E, Issue Date: 2001/07/05
Table 10. AC CHARACTERISTICS
Write (Erase/Program) Operations
Alternate
CE Controlled Writes
Parameter
Symbols
Speed Options
JEDEC
Standard
Description
-45
-55
-70
-90
Unit
tAVAV
tWC
Write Cycle Time
Min
45
55
70
90
ns
tAVEL
tAS
Address Setup Time
Min
0
0
0
0
ns
tELAX
tAH
Address Hold Time
Min
35
45
45
45
ns
tDVEH
tDS
Data Setup Time
Min
20
25
30
45
ns
tEHDX
tDH
Data Hold Time
Min
0
0
0
0
ns
tOES
Output Enable Setup Time
Min
0
0
0
0
ns
tOEH
Output Enable
Read
0
0
0
0
0
ns
Hold Time
Toggle and
Data Polling
10
10
10
10
10
ns
tGHEL
tGHEL
Read Recovery Time before
Write ( OE High to CE Low)
Min
0
0
0
0
ns
tWLEL
tWS
WE SetupTime
Min
0
0
0
0
ns
tEHWH
tWH
WE Hold Time
Min
0
0
0
0
ns
tELEH
tCP
Write Pulse Width
Min
25
30
35
45
ns
tEHEL
tCPH
Write Pulse Width High
Min
20
20
20
20
ns
tWHWH1 tWHWH1
Programming Operation
(byte AND word mode)
Typ
7
7
7
7
µs
Max
200
200
200
200
µs
tWHWH2 tWHWH2
Sector Erase Operation
Typ
0.3
0.3
0.3
0.3
s
Max
5
5
5
5
s
tWHWH3 tWHWH3
Chip Erase Operation
Typ
3
3
3
3
s
Max
35
35
35
35
s
tVCS
Vcc Setup Time
Min
50
50
50
50
µs
tVIDR
Rise Time to VID
Min
500
500
500
500
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com