Electronic Components Datasheet Search
  English  ▼

X  

EN29F800 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # EN29F800
Description  8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 5.0 Volt-only
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EN29F800 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button EN29F800 Datasheet HTML 30Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 31Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 32Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 33Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 34Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 35Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 36Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 37Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 38Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
4800 Great America Parkway, Suite 202
Tel: 408-235-8680
Santa Clara, CA 95054
Fax: 408-235-8685
36
EN29F800
Rev. E, Issue Date: 2001/07/05
ABSOLUTE MAXIMUM RATINGS
Parameter
Value
Unit
Storage Temperature
-65 to +125
°C
Plastic Packages
-65 to +125
°C
Ambient Temperature
With Power Applied
-55 to +125
°C
Output Short Circuit Current
1
200
mA
A9, OE#, Reset#
2
-0.5 to +11.5
V
All other pins
3
-0.5 to Vcc+0.5
V
Voltage with
Respect to Ground
Vcc
-0.5 to +7.0
V
Notes:
1.
No more than one output shorted at a time. Duration of the short circuit should not be greater than one second.
2.
Minimum DC input voltage on A9, OE#, RESET# pins is –0.5V. During voltage transitions, A9, OE#, RESET# pins may
undershoot Vss to –1.0V for periods of up to 50ns and to –2.0V for periods of up to 20ns. See figure below. Maximum DC
input voltage on A9, OE#, and RESET# is 11.5V which may overshoot to 12.5V for periods up to 20ns.
3.
Minimum DC voltage on input or I/O pins is –0.5 V. During voltage transitions, inputs may undershoot Vss to –1.0V for periods
of up to 50ns and to –2.0 V for periods of up to 20ns. See figure below. Maximum DC voltage on output and I/O pins is Vcc +
0.5 V. During voltage transitions, outputs may overshoot to Vcc + 2.0 V for periods up to 20ns. See figure below.
4.
Stresses above the values so mentioned above may cause permanent damage to the device. These values are for a stress
rating only and do not imply that the device should be operated at conditions up to or above these values. Exposure of the
device to the maximum rating values for extended periods of time may adversely affect the device reliability.
RECOMMENDED OPERATING RANGES
1
Parameter
Value
Unit
Ambient Operating Temperature
Commercial Devices
Industrial Devices
0 to 70
-40 to 85
°C
Operating Supply Voltage
Vcc for
± 5% devices
Vcc for
± 10% devices
4.75 to 5.25
4.5 to 5.5
V
1.
Recommended Operating Ranges define those limits between which the functionality of the device is guaranteed.
Maximum Negative Overshoot
Maximum Positive Overshoot
Waveform
Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com