Electronic Components Datasheet Search
  English  ▼

X  

LR24C64 Datasheet(PDF) 5 Page - Leshan Radio Company

Part # LR24C64
Description  Bidirectional Data Transfer Protocol 1 MHz (2.5V), 400 kHz (1.7V) , 100 kHz (1.7V) Compatibility
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR24C64 Datasheet(HTML) 5 Page - Leshan Radio Company

  LR24C64 Datasheet HTML 1Page - Leshan Radio Company LR24C64 Datasheet HTML 2Page - Leshan Radio Company LR24C64 Datasheet HTML 3Page - Leshan Radio Company LR24C64 Datasheet HTML 4Page - Leshan Radio Company LR24C64 Datasheet HTML 5Page - Leshan Radio Company LR24C64 Datasheet HTML 6Page - Leshan Radio Company LR24C64 Datasheet HTML 7Page - Leshan Radio Company LR24C64 Datasheet HTML 8Page - Leshan Radio Company LR24C64 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Figure 3: Output Acknowledge
Device Addressing
The 64K devices all require an 8-bit device address word following a start condition to enable the chip for a
read or write operation (see to Figure 4 on page 7).
The device address word consists of a mandatory "1", "0" sequence for the first four most significant bits as
shown. This is common to all the Serial EEPROM devices.
The next 3 bits are the A2, A1 and A0 device address bits for the 64K EEPROM. These 3 bits must compare
to their corresponding hardwired input pins.
The eighth bit of the device address is the read/write operation select bit. A read operation is initiated if this
bit is high and a write operation is initiated if this bit is low.
Upon a compare of the device add ress, the EEPROM will output a "0 ". If a compare is not made, the chip
will return to a standby state.
DATA SECURITY:The LR24C64 has a hardware data protection scheme that allows the user to write
protect the entire memory when the WP pin is at VCC.
LESHAN RADIO COMPANY, LTD.
5/15
V2.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com