Electronic Components Datasheet Search
  English  ▼

X  

LR24C64 Datasheet(PDF) 7 Page - Leshan Radio Company

Part # LR24C64
Description  Bidirectional Data Transfer Protocol 1 MHz (2.5V), 400 kHz (1.7V) , 100 kHz (1.7V) Compatibility
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR24C64 Datasheet(HTML) 7 Page - Leshan Radio Company

Back Button LR24C64 Datasheet HTML 3Page - Leshan Radio Company LR24C64 Datasheet HTML 4Page - Leshan Radio Company LR24C64 Datasheet HTML 5Page - Leshan Radio Company LR24C64 Datasheet HTML 6Page - Leshan Radio Company LR24C64 Datasheet HTML 7Page - Leshan Radio Company LR24C64 Datasheet HTML 8Page - Leshan Radio Company LR24C64 Datasheet HTML 9Page - Leshan Radio Company LR24C64 Datasheet HTML 10Page - Leshan Radio Company LR24C64 Datasheet HTML 11Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Read Operations
Read operations are initiated the same way as write operations with the exception that the read/write select
bit in the device address word is set to "1". There are three read operations: current address read, random
address read and sequential read.
CURRENT ADDRESS READ:
The
internal data word address counter
maintains the last accessed
address, and incremented by one.This address stays valid between operations as long as the chip power is
maintained. The address
"roll over" during read is from the last byte of the last memory page to the first
byte of the first page.The address "roll over" during write is from the last byte of the current page to the
first byte of the same page.
Once the device address with the read/write select bit set to "1" is clocked in and acknowledged by the
EEPROM, the current address data word is serially clocked out. The microcontroller does not respond with
an input "0" but does generate a following stop condition (see Figure 7 on page 8).
SEQUENTIAL READ:
Sequential reads are initiated by either a current address read or a
random address read. After the microcontroller receives a data word, it responds with an
acknowledge. As long as the EEPROM receives an acknowled ge, it will continue to increment
the data word address and serially clock out sequential data words. When the memory address
limit is reached, the data word address will "roll over" and the sequential read will
continue.The sequential read operation is terminated when the microcontroller does not
respond with a "0" but does generate a following stop condition (see Figure 9 on page 8).
Figure 4: Device Address
Figure 5: Byte Write
LESHAN RADIO COMPANY, LTD.
7/15
V2.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com