Electronic Components Datasheet Search
  English  ▼

X  

LR24C64 Datasheet(PDF) 9 Page - Leshan Radio Company

Part # LR24C64
Description  Bidirectional Data Transfer Protocol 1 MHz (2.5V), 400 kHz (1.7V) , 100 kHz (1.7V) Compatibility
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR24C64 Datasheet(HTML) 9 Page - Leshan Radio Company

Back Button LR24C64 Datasheet HTML 5Page - Leshan Radio Company LR24C64 Datasheet HTML 6Page - Leshan Radio Company LR24C64 Datasheet HTML 7Page - Leshan Radio Company LR24C64 Datasheet HTML 8Page - Leshan Radio Company LR24C64 Datasheet HTML 9Page - Leshan Radio Company LR24C64 Datasheet HTML 10Page - Leshan Radio Company LR24C64 Datasheet HTML 11Page - Leshan Radio Company LR24C64 Datasheet HTML 12Page - Leshan Radio Company LR24C64 Datasheet HTML 13Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Figure 9: Sequential Read
Electrical Characteristics
Absolute Maximum Stress Ratings
DC Supply Voltage……………………..-0.3V to +6.5V
Input / Output Voltage ……...GND-0.3V to VCC+0.3V
Operating Ambient Temperature . . . . . -40℃ to +85℃
Storage Temperature . . ..... ..... -65℃ to +150℃
DC Electrical Characteristics
Applicable over recommended operating range from: TA =-40℃ to +85℃,VCC = +1.7V to +5.5V (unless otherwise noted)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Supply Voltage
Vcc
1.7
—
5.5
V
Supply Current VCC = 5.0V
ICC1
—
0.14
0.3
mA
READ at 400KHz
Supply Current VCC = 5.0V
ICC2
—
0.28
0.5
mA
WRITE at 400KHz
Standby Current
ISB
—
0.03
0.5
μA
VIN=VCC or GND
Input Leakage Current
ILI
—
0.10
1.0
μA
VIN=VCC or GND
Output Leakage Current
ILO
—
0.05
1.0
μA
VOUT=VCC or GND
Input Low Level
VIL1
-0.3
—
Vcc*0.3
V
Vcc=1.7V to 5.5V
Input High Level
VIH1
Vcc*0.7
—
Vcc+0.3
V
Vcc=1.7V to 5.5V
Input Low Level
VIL2
-0.3
—
Vcc*0.2
V
Vcc=1.7V
Input High Level
VIH2
Vcc*0.7
—
Vcc+0.3
V
Vcc=1.7V
Output Low Level VCC =5.0V
VOL3
—
—
0.4
V
IOL=3.0mA
Output Low Level VCC =3.0V
VOL2
—
—
0.4
V
IOL=3.0mA
Output Low Level VCC =1.7V
VOL1
—
—
0.2
V
IOL=0.15mA
Comments
Stresses above those listed under "Absolute Maximum Ratings"
may cause permanent damage to this device. These are stress
ratings only. Functional operation of this device at these or any
other conditions above those indicated in the operational
sections of this specification is not implied or intended.
Exposure to the absolute maximum rating conditions for
extended periods may affect device reliability.
LESHAN RADIO COMPANY, LTD.
9/15
V2.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com