Electronic Components Datasheet Search
  English  ▼

X  

LR24C64 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LR24C64
Description  Bidirectional Data Transfer Protocol 1 MHz (2.5V), 400 kHz (1.7V) , 100 kHz (1.7V) Compatibility
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR24C64 Datasheet(HTML) 1 Page - Leshan Radio Company

  LR24C64 Datasheet HTML 1Page - Leshan Radio Company LR24C64 Datasheet HTML 2Page - Leshan Radio Company LR24C64 Datasheet HTML 3Page - Leshan Radio Company LR24C64 Datasheet HTML 4Page - Leshan Radio Company LR24C64 Datasheet HTML 5Page - Leshan Radio Company LR24C64 Datasheet HTML 6Page - Leshan Radio Company LR24C64 Datasheet HTML 7Page - Leshan Radio Company LR24C64 Datasheet HTML 8Page - Leshan Radio Company LR24C64 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
General Description
The
24C64 provides 65536 bits of serial electrically erasable and programmable read-only memory (EEPROM)
organized as 8196 words of 8 bits each.The device is optimized for use in many industrial and commercial applications
where low-power and low-voltage operation are essential. The LR24C64 offer an additional page,named the
identification Page(32bytes).The identification page can be used to store sensitive application parameters which
canbe(later)permanently locked in Read-only mode.
Features
Wide Voltage Operation
- VCC = 1.7V to 5.5V
Operating Ambient Temperature: -40℃ to +85℃
Internally Organized:
- 64K bits(8K bytes)of EEPROM
Two-wire Serial Interface
Schmitt Trigger, Filtered Inputs for Noise Suppression
Enhanced ESD/Latch-up protection
-HBM 8000V
Pin Name
Founctions
A0-A2
Address Inputs
SDA
Serial Data
SCL
Serial Clock Input
WP
Write Protect
GND
Ground
VCC
Power Supply
Bidirectional Data Transfer Protocol
1 MHz (2.5V), 400 kHz (1.7V) , 100 kHz
(1.7V) Compatibility
Write Protect Pin for Hardware Data Protection
32-bytes Page Write Modes
Additional Write lockable page
Partial Page Writes Allowed
Self-timed Write Cycle (5 ms max)
High-reliability
- Endurance: 1 Million Write Cycles
- Data Retention: 100 Years
8-lead SOP/TSSOP /DFN Packages
Pin Configuration
LESHAN RADIO COMPANY, LTD.
1/15
V2.1


Similar Part No. - LR24C64

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR24C02 LRC-LR24C02 Datasheet
755Kb / 15P
Two-Wire Serial EEPROM
LR24C08 LRC-LR24C08 Datasheet
2Mb / 16P
Two-Wire Serial EEPROM
LR24C128 LRC-LR24C128 Datasheet
607Kb / 14P
Bi-directional Data Transfer Protocol
LR24C16 LRC-LR24C16 Datasheet
566Kb / 15P
Two-Wire Serial EEPROM
LR24C256 LRC-LR24C256 Datasheet
607Kb / 14P
Bi-directional Data Transfer Protocol
More results

Similar Description - LR24C64

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TP-104 MACOM-TP-104 Datasheet
106Kb / 1P
RF Pulse Transformer 750 kHz - 400 MHz
DS-113 MACOM-DS-113 Datasheet
138Kb / 3P
Two-Way Power Divider, 400 KHz - 400 MHz
logo
M/A-COM Technology Solu...
DS-332 MA-COM-DS-332 Datasheet
107Kb / 2P
Two-Way Power Divider, 400 KHz - 400 MHz
DSS-113 MA-COM-DSS-113 Datasheet
120Kb / 3P
Two-Way Power Divider, 400 KHz - 400 MHz
TP-104 MA-COM-TP-104 Datasheet
60Kb / 2P
RF Pulse Transformer, 750 KHz - 400 MHz
logo
Microchip Technology
24AA1026 MICROCHIP-24AA1026 Datasheet
446Kb / 28P
1024K I2C??CMOS Serial EEPROM 100 kHz and 400 kHz Clock Compatibility
2011
logo
Micronetics, Inc.
NMA2107-A1E MICRONETICS-NMA2107-A1E Datasheet
50Kb / 2P
Legacy 1 kHz to 100 MHz
NMA2107-A2S MICRONETICS-NMA2107-A2S Datasheet
163Kb / 2P
Legacy 1 kHz to 100 MHz
logo
Spectrum Microwave, Inc...
SF0400BA02520S SPECTRUM-SF0400BA02520S Datasheet
204Kb / 4P
400 MHz SAW Filter 300 KHz bandwidth
logo
API Technologies Corp
SF0400BA02520S APITECH-SF0400BA02520S Datasheet
204Kb / 4P
400 MHz SAW Filter 300 KHz bandwidth
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com