Electronic Components Datasheet Search
  English  ▼

X  

LR24C64 Datasheet(PDF) 6 Page - Leshan Radio Company

Part # LR24C64
Description  Bidirectional Data Transfer Protocol 1 MHz (2.5V), 400 kHz (1.7V) , 100 kHz (1.7V) Compatibility
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR24C64 Datasheet(HTML) 6 Page - Leshan Radio Company

Back Button LR24C64 Datasheet HTML 2Page - Leshan Radio Company LR24C64 Datasheet HTML 3Page - Leshan Radio Company LR24C64 Datasheet HTML 4Page - Leshan Radio Company LR24C64 Datasheet HTML 5Page - Leshan Radio Company LR24C64 Datasheet HTML 6Page - Leshan Radio Company LR24C64 Datasheet HTML 7Page - Leshan Radio Company LR24C64 Datasheet HTML 8Page - Leshan Radio Company LR24C64 Datasheet HTML 9Page - Leshan Radio Company LR24C64 Datasheet HTML 10Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Write Operations
BYTE WRITE: A write operation requires an 8-bit data word address following the device address
word and acknowledgment. Upon receipt of this address, the EEPROM will again respond with a "0" and
then clock in the first 8-bit data word. Following receipt of the 8-bit data word, the EEPROM will output
a "0" and the addressing device, such as a microcontroller, must terminate the write sequence with a stop
condition. At this time the EEPROM enters an internally timed write cycle, tWR, to the nonvolatile
memory. All inputs are disabled during this write cycle and the EEPROM will not respond until the write is
comp lete (see Figure 5 on page 7).
PAGE WRITE
A page write is initiated the same as a byte write, but the microcontroller does not send a stop condition after
the first data word is clocked in. Instead, after the EEPROM acknowledges receipt of the first data word, the
microcontroller can transmit up to 31 (64K) more data words. The EEPROM will respond with a "0" after
each data word received. The microcontroller must terminate the page write sequence with a stop condition
(see Figure 6 on page 7).
The data word address lower five (64K) bits are internally incremented following the receipt of each data
word.The higher data word address bits are not incremented, retaining the memory page row location.
When the word address, internally generated, reaches the page boundary, the following
byte is
placed at the beginning of the same page. If more than 32 (64K) data words are transmitted to the EEPROM,
the data word address will "roll over" and previous data will be overwritten.
ACKNOWLEDGE POLLING: Once the internally timed write cycle has started and the EEPROM inputs
are disabled, acknowled ge polling can be initiated. This involves sending a start condition followed by the
device address word. The read/write bit is representative of the operation desired. Only if the internal write
cycle has completed will the EEPROM respond with a "0", allowing the read or write sequence to continue.
LESHAN RADIO COMPANY, LTD.
6/15
V2.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com