Electronic Components Datasheet Search
  English  ▼

X  

LR8509 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LR8509
Description  1.5MHz 600mA Synchronous Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8509 Datasheet(HTML) 2 Page - Leshan Radio Company

  LR8509 Datasheet HTML 1Page - Leshan Radio Company LR8509 Datasheet HTML 2Page - Leshan Radio Company LR8509 Datasheet HTML 3Page - Leshan Radio Company LR8509 Datasheet HTML 4Page - Leshan Radio Company LR8509 Datasheet HTML 5Page - Leshan Radio Company LR8509 Datasheet HTML 6Page - Leshan Radio Company LR8509 Datasheet HTML 7Page - Leshan Radio Company LR8509 Datasheet HTML 8Page - Leshan Radio Company LR8509 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Tabel1. Pin Description
PIN NUMBER
PIN NAME
FUNCTION
1
VIN
Power Input
2
VSS
Ground
3
CE
Chip Enable Pin
4
VOUT/FB
Output Pin/Feedback(ADJ Version)
5
SW
External Inductor Connection Pin
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
(Unless otherwise specified, Ta=25°C)
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
VSS-0.3~VSS+7
V
CE,SW,FB/VOUT Voltage
VSS-0.3~VIN+0.3
V
Peak SW Sink and Source
Current
ISWMAX
1500
mA
Power Dissipation
SOT-23-5
Pd
400
mW
Operating Temperature
Topr
-40~+85
℃
Junction Temperature
Tj
125
℃
Storage Temperature
Tstg
-40~+125
℃
Soldering Temperature & Time
Tsolder
260℃, 10s
LESHAN RADIO COMPANY, LTD.
2/10
MARKING INFORMATION
LR8509AM:
B1YW
B1---8509
Y---Year Code
W---Week Code(1-52 week are showed by a-z and A-Z)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com