Electronic Components Datasheet Search
  English  ▼

X  

LR8509 Datasheet(PDF) 8 Page - Leshan Radio Company

Part # LR8509
Description  1.5MHz 600mA Synchronous Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8509 Datasheet(HTML) 8 Page - Leshan Radio Company

Back Button LR8509 Datasheet HTML 2Page - Leshan Radio Company LR8509 Datasheet HTML 3Page - Leshan Radio Company LR8509 Datasheet HTML 4Page - Leshan Radio Company LR8509 Datasheet HTML 5Page - Leshan Radio Company LR8509 Datasheet HTML 6Page - Leshan Radio Company LR8509 Datasheet HTML 7Page - Leshan Radio Company LR8509 Datasheet HTML 8Page - Leshan Radio Company LR8509 Datasheet HTML 9Page - Leshan Radio Company LR8509 Datasheet HTML 10Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
APPLICATION INFORMATION
The basic LR8509 applic ation circuits are
shown in Figure 1.External component selection is
driven by the load requirement and begins with the
selection of L followed by CIN and COUT.
SETTING THE OUTPUT VOLTAGE
Figure1 shows the basic application circuit
with LR8509 adjustable output version. The
external resistor sets the output voltage according
to the following equation:
Table 2.Resistor select for output voltage setting
VOUT
R1
R2
1.2V
316K
316K
1.5V
316K
470K
1.8V
316K
634K
2.5V
316K
1M
INPUT CAPACITOR SELECTION
In continuous mode, the source current of the
top MOSFET is a square wave of duty cycle
VOUT/VIN. To prevent large voltage transients, a
low ESR input capacitor sized for the maximum
RMS current must be used. The maximum RMS
capacitor current is given by:
This formula has a maximum at VIN = 2VOUT,
where IRMS = IOUT/2. This simple worst-case
condition is commonly used for design because
even significant deviations do not offer much relief.
Ceramic capacitors with X5R or X7R dielectrics
are highly recommended because of their low
ESR and small temperature coefficients. A 4.7μF
ceramic capacitor for most application is sufficient.
INDUCTOR SELECTION
For most applications, the value of the
inductor will fall in the range of 1μH to 4.7μH. Its
value is chosen based on the desired ripple
current. Large value inductor lower ripple current
and small value inductor result in higher ripple
currents. Higher VIN or VOUT also increases the
ripple current as shown in the following equation:
A reasonable starting point for setting ripple
current is
I
△ L=240mA (40% of 600mA). The DC
current rating of the inductor should be at least
equal to the maximum load current plus half the
ripple current to prevent core saturation.
Different core materials and shapes will
change
the
size/current
and
price/current
relationship of an inductor. The choice of which
style inductor to use often depends more on the
price vs. size requirements and any radiated
field/EMI requirements than on what the LR8509
requires to operate. Table 3 shows some typical
surface mount inductors that work well in LR8509
applications.
Table 3.Representative Surface Mount Inductors
PART
NUMBER
VALUE
(μH)
MAX
DCR
(mΩ)
MAX DC
CURRENT
(A)
SIZE
W×L×H
(mm
3)
Sumida
CDRH
3D16
2.2
3.3
4.7
75
110
162
1.20
1.10
0.90
3.8×3.8
×
1.8
Sumida
CR43
2.2
3.3
4.7
71.2
86.2
108.7
1.75
1.44
1.15
4.5×4.0
×
3.5
Sumida
CDRH
4D18
2.2
3.3
4.7
75
110
162
1.32
1.04
0.84
4.7×4.7
×
2.0
LESHAN RADIO COMPANY, LTD.
8/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com