Electronic Components Datasheet Search
  English  ▼

X  

LR8509 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LR8509
Description  1.5MHz 600mA Synchronous Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8509 Datasheet(HTML) 3 Page - Leshan Radio Company

  LR8509 Datasheet HTML 1Page - Leshan Radio Company LR8509 Datasheet HTML 2Page - Leshan Radio Company LR8509 Datasheet HTML 3Page - Leshan Radio Company LR8509 Datasheet HTML 4Page - Leshan Radio Company LR8509 Datasheet HTML 5Page - Leshan Radio Company LR8509 Datasheet HTML 6Page - Leshan Radio Company LR8509 Datasheet HTML 7Page - Leshan Radio Company LR8509 Datasheet HTML 8Page - Leshan Radio Company LR8509 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ELECTRICAL CHARACTERISTICS
LR8509 Series
(VIN=CE=3.6V, Ta=25℃, Test Circuit Figure1, unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage
VOUT(F)
(1)
IOUT =100mA
VOUT×0.98
VOUT
VOUT×1.02
V
Feedback Voltage
VFB
TA=25℃
0.5880
0.600
0.6120
V
0℃≤TA≤85℃
0.5865
0.600
0.6135
-40℃≤TA≤85℃
0.5850
0.600
0.6150
Input Voltage
VIN
2.5
5.5
V
Supply Current
ISS
VFB=0.5V
270
400
μA
Shutdown Current
ISHDN
VCE=VSS
0.1
1.0
μA
Feedback Current
IFB
VFB=0.65V
±30
nA
Maximum Output Current
IOUT
-
600
mA
VFB Line Regulation
∆VFB
VIN= 2.5V~5.5V
0.10
0.40
%/V
Output Voltage Line
Regulation
∆VOUT
VIN= 2.5V~5.5V
IOUT=10mA
0.10
0.40
%/V
Output Voltage
Load Regulation
∆VLOAD
IOUT =1mA
~600mA
0.001
%/mA
Oscillator Frequency
fosc
VFB=0.6V or
VOUT=100%
1.2
1.5
1.8
MHz
Peak Inductor Current
IPK
VIN=3V,VFB=0.5V
or VOUT=90%
1.0
A
RDS(ON) OF P-CH FET
RPFET
ISW = 100mA
0.35
0.5
Ω
RDS(ON) OF N-CH FET
RNFET
ISW = -100mA
0.25
0.45
Ω
SW Leakage
ILSW
CE=0,VSW=0
or 5V, VIN=5V
±0.01
±1
μA
CE "High" Voltage(2)
VCE“H”
1.5
VIN
V
CE "Low" Voltage(3)
VCE“L”
0.3
V
CE Leakage Current
ICE
±0.1
±1
μA
NOTE :
1. VOUT(F):The fixed voltage version effective output voltage.
2. High Voltage:Forcing CE above 1.5V enables the part.
3. Low Voltage:Forcing CE below 0.3V shuts down the device. In shutdown, all functions
are disabled drawing <1μA supply current. Do not leave CE floating.
TYPICAL APPLICATION CIRCUITS
Figure1 Basic Application Circuit
LR8509
A18M
LR8509
AM
LESHAN RADIO COMPANY, LTD.
3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com