Electronic Components Datasheet Search
  English  ▼

X  

LR8509 Datasheet(PDF) 7 Page - Leshan Radio Company

Part # LR8509
Description  1.5MHz 600mA Synchronous Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8509 Datasheet(HTML) 7 Page - Leshan Radio Company

Back Button LR8509 Datasheet HTML 2Page - Leshan Radio Company LR8509 Datasheet HTML 3Page - Leshan Radio Company LR8509 Datasheet HTML 4Page - Leshan Radio Company LR8509 Datasheet HTML 5Page - Leshan Radio Company LR8509 Datasheet HTML 6Page - Leshan Radio Company LR8509 Datasheet HTML 7Page - Leshan Radio Company LR8509 Datasheet HTML 8Page - Leshan Radio Company LR8509 Datasheet HTML 9Page - Leshan Radio Company LR8509 Datasheet HTML 10Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
OPERATION
MAIN CONTROL LOOP
The LR8509 uses a constant frequency,
current mode step-down architecture. Both the
main (P-channel MOSFET) and synchronous
(N-channel MOSFET) switches are internal.
During normal operation, the internal top power
MOSFET is turned on each cycle when the
oscillator sets the RS latch, and turned off when
the current comparator, ICOMP, resets the RS latch.
The peak inductor current at which ICOMP resets
the RS latch, is controlled by the output of error
amplifier EA. When the load current increases, it
causes a slight decrease in the feedback voltage,
FB, relative to the 0.6V reference, which in turn,
causes the EA amplifier’s output voltage to
increase until the average inductor current
matches the new load current. While the top
MOSFET is off, the bottom MOSFET is turned on
until either the inductor current starts to reverse,
as indicated by the current reversal comparator
IRCMP, or the beginning of the next clock cycle. The
OVDET comparator controls output transient
overshoots by turning the main switch off and
keeping it off until the fault is removed.
MAXIMUM LOAD CURRENT
The LR8509 will operate wi th input voltage as
low as 2.5V, however, the maximum load current
decreases at lower input due to large IR drop on
the main switch and synchronous rectifier. The
slope compensation signal reduces the peak
inductor current as a function of the duty cycle to
prevent sub-harmonic oscillations at duty cycles
greater than 50%.Conversely the current limit
increase as the duty cycle decreases.
DISCONTINUOUS MODE OPERATION
At light loads, the inductor current may reach
zero reverse on each pulse. The bottom MOSFET
is turned off by the current reversal comparator,
IRCMP, and the switch voltage will ring. This is
discontinuous mode operation, and is normal
behavior for the switching regulator. At very light
loads, the LR8509 will automatically skip pulses in
discontinuous mode operation to maintain output
regulation.
SLOPE COMPENSATION
Slope compensation provides stability in
constant frequency architecture by preventing
sub-harmonic oscillations at high duty cycles. It is
accomplished
internally
by
adding
a
compensating ramp to the inductor current signal
at duty cycles in excess of 50%. This slope
compensated current mode PWM control provides
stable switching and cycle-by-cycle current limit
for excellent load and line response.
DROPOUT OPERATION
As the input supply voltage decreases to a
value approaching the output voltage, the duty
cycle increases toward the maximum on-time.
Further reduction of the supply voltage forces the
main switch to remain on for more than one cycle
until reaches 100% duty cycle. The output voltage
will then be determined by the input voltage minus
the voltage drop across the P-channel MOSFET
and the inductor.
An important detail to remember is that at low
inputs supply voltages, the RDS(ON) of the
P-channel switch increases. Therefore, the user
should calculate the power dissipation when the
LR8509 is used at 100% duty cycle with low input
voltage.
LESHAN RADIO COMPANY, LTD.
7/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com