Electronic Components Datasheet Search
  English  ▼

X  

LR8509 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LR8509
Description  1.5MHz 600mA Synchronous Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8509 Datasheet(HTML) 1 Page - Leshan Radio Company

  LR8509 Datasheet HTML 1Page - Leshan Radio Company LR8509 Datasheet HTML 2Page - Leshan Radio Company LR8509 Datasheet HTML 3Page - Leshan Radio Company LR8509 Datasheet HTML 4Page - Leshan Radio Company LR8509 Datasheet HTML 5Page - Leshan Radio Company LR8509 Datasheet HTML 6Page - Leshan Radio Company LR8509 Datasheet HTML 7Page - Leshan Radio Company LR8509 Datasheet HTML 8Page - Leshan Radio Company LR8509 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LR8509①②③④
INTRODUCTION:
FEATURES:
The LR8509
is a 1.5MHz constant
frequency, slope compensated current
mode
PWM
synchronous
step-down
converter. High switching frequency allows
the use of small surface mount inductors
and capacitors. The internal synchronous
switch increases efficiency and eliminates
the need for an external Schottky diode. It
is ideal for powering portable equipment
which runs from a single cell Lithium-Ion
battery. 100% duty cycle provides low
dropout operation, extending battery life in
portable systems. Low output voltages are
easily supported with the 0.6V feedback
reference voltage.
High efficiency : Up to 96%
Output Current: 600mA (Typ.)
1.5MHz Constant Switching Frequency
No Schottky Diode Required
Input Voltage: 2.5V to 5.5V
0.6V Reference Allows Low Output
Voltage
Low Dropout: 100% duty Cycle
Low Quiescent Current: 270μA
Shutdown Current: <1μA
Current Mode Operation for Excellent
Line and Load Transient Response
Built-in Thermal Protection
Short Circuit Protection
Package: SOT-23-5
APPLICATIONS:
Cellular and Smart Phones
Personal Information Appliances
Wireless and DSL Modems
Digital Still and Video Cameras
Microprocessors Core Supplies
Portable consumer equipments
PIN CONFIGURATION:
ORDER INFORMATION:
DESIGNATOR
SYMBOL
DESCRIPTION
①
A
Standard
②③
Integer
Output Voltage
e.g.1.8V=②:1, ③:8
Adj=②:, ③:
④
M
Package:SOT-23-5
1.5MHz 600mA Synchronous Step-Down Converter
LR8509 Series
LESHAN RADIO COMPANY, LTD.
1/10
Ver1.0


Similar Part No. - LR8509

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR8501 LRC-LR8501 Datasheet
825Kb / 11P
1.5MHz 600mA Synchronous Step-Down Converter with Low Quiescent Current
LR8503 LRC-LR8503 Datasheet
586Kb / 7P
800mA,2V-6.5V Input,1.5MHz Synchronous Step-Down Converter
LR8503 LRC-LR8503 Datasheet
326Kb / 12P
Devices per Reel
LR8503 LRC-LR8503_15 Datasheet
326Kb / 12P
Devices per Reel
LR8506 LRC-LR8506 Datasheet
472Kb / 10P
1.5MHz 600mA Synchronous
More results

Similar Description - LR8509

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC3100 ADDTEK-AMC3100 Datasheet
344Kb / 10P
1.5MHz, 600mA SYNCHRONOUS STEP-DOWN CONVERTER
JUNE 2006
logo
Eutech Microelectronics...
EUP3406 EUTECH-EUP3406 Datasheet
730Kb / 11P
1.5MHz, 600mA Synchronous Step-Down Converter
logo
Eorex Corporation
EP3001 EOREX-EP3001 Datasheet
253Kb / 10P
1.5MHz, 600mA Synchronous Step-down Converter
logo
YOBON TECHNOLOGIES,INC.
YB1680 YOBON-YB1680 Datasheet
862Kb / 10P
1.5MHz, 600mA Synchronous Step-Down Converter
logo
Exar Corporation
SP6669 EXAR-SP6669 Datasheet
745Kb / 10P
1.5MHZ, 600mA SYNCHRONOUS STEP DOWN CONVERTER
logo
Advanced Power Electron...
APE1501 A-POWER-APE1501 Datasheet
728Kb / 10P
1.5MHz, 600mA Synchronous Step-Down Converter
logo
Exar Corporation
SP6669 EXAR-SP6669_12 Datasheet
466Kb / 11P
600mA 1.5MHz Synchronous Step Down Converter
logo
List of Unclassifed Man...
FT440 ETC2-FT440 Datasheet
245Kb / 10P
1.5MHz, 600mA Synchronous Step-Down Converter
logo
Eorex Corporation
EP3001 EOREX-EP3001_15 Datasheet
259Kb / 10P
1.5MHz, 600mA Synchronous Step-down Converter
logo
SHOUDING Shouding Semic...
SD8906A SHOUDING-SD8906A Datasheet
1Mb / 7P
600mA, 1.5MHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com