Electronic Components Datasheet Search
  English  ▼

X  

LCWJDSI.EC Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LCWJDSI.EC
Description  white SMT package, colored diffused silicone resin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWJDSI.EC Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LCWJDSI.EC Datasheet HTML 6Page - OSRAM GmbH LCWJDSI.EC Datasheet HTML 7Page - OSRAM GmbH LCWJDSI.EC Datasheet HTML 8Page - OSRAM GmbH LCWJDSI.EC Datasheet HTML 9Page - OSRAM GmbH LCWJDSI.EC Datasheet HTML 10Page - OSRAM GmbH LCWJDSI.EC Datasheet HTML 11Page - OSRAM GmbH LCWJDSI.EC Datasheet HTML 12Page - OSRAM GmbH LCWJDSI.EC Datasheet HTML 13Page - OSRAM GmbH LCWJDSI.EC Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
2012-10-17 Preliminary data - subject to change
10
Draft Version 0.0
LCW JDSI.EC
Relative Spectral Emission - V( ) = Standard eye response curve 5) page 23 , 1) page 23
Relative spektrale Emission - V( ) = spektrale Augenempfindlichkeit 5) Seite 23 , 1) Seite 23
Irel = f ( ); TS = 25 °C; IF = 120 mA
Radiation Characteristics 5) page 23
Abstrahlcharakteristik 5) Seite 23
Irel = f ( ); TS = 25 °C
400
450
500
550
600
650
700
750
800
λ [nm]
4000K
0,0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0,9
1,0
Ιe rel
: Vλ
0
0.2
0.4
1.0
0.8
0.6
ϕ
1.0
0.8
0.6
0.4
0˚
10˚
20˚
40˚
30˚
OHL01660
50˚
60˚
70˚
80˚
90˚
100˚
0˚
20˚
40˚
60˚
80˚
100˚
120˚



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com