Electronic Components Datasheet Search
  English  ▼

X  

LCWJDSI.EC Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LCWJDSI.EC
Description  white SMT package, colored diffused silicone resin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWJDSI.EC Datasheet(HTML) 4 Page - OSRAM GmbH

  LCWJDSI.EC Datasheet HTML 1Page - OSRAM GmbH LCWJDSI.EC Datasheet HTML 2Page - OSRAM GmbH LCWJDSI.EC Datasheet HTML 3Page - OSRAM GmbH LCWJDSI.EC Datasheet HTML 4Page - OSRAM GmbH LCWJDSI.EC Datasheet HTML 5Page - OSRAM GmbH LCWJDSI.EC Datasheet HTML 6Page - OSRAM GmbH LCWJDSI.EC Datasheet HTML 7Page - OSRAM GmbH LCWJDSI.EC Datasheet HTML 8Page - OSRAM GmbH LCWJDSI.EC Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
2012-10-17 Preliminary data - subject to change
4
Draft Version 0.0
LCW JDSI.EC
Characteristics (TS = 25 °C; IF = 120 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Viewing angle at 50 % IV
Abstrahlwinkel bei 50 % IV
(typ.)
2
120
°
Forward voltage 2) page 23
Durchlassspannung 2) Seite 23
(min.)
(typ.)
(max.)
VF
VF
VF
2.80
3.20
3.60
V
V
V
Reverse current
Sperrstrom
IR
not designed for
reverse operation
Real thermal resistance junction / solder point
3) page 23
Realer Wärmewiderstand Sperrschicht / Lötpad
3) Seite 23
(typ.)
(max.)
Rth JS real
Rth JS real
48
75
K/W
K/W
"Electrical" thermal resistance junction / solder
point 3) page 23
"Elektrischer" Wärmewiderstand Sperrschicht /
Lötpad 3) Seite 23
(with efficiency e = 20 %)
(typ.)
(max.)
Rth JS el
Rth JS el
38
60
K/W
K/W
Note: Individual forward voltage groups see next page
Anm.: Durchlassspannungsgruppen siehe nächste Seite



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com