Electronic Components Datasheet Search
  English  ▼

X  

LCWJDSI.EC Datasheet(PDF) 20 Page - OSRAM GmbH

Part # LCWJDSI.EC
Description  white SMT package, colored diffused silicone resin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWJDSI.EC Datasheet(HTML) 20 Page - OSRAM GmbH

Back Button LCWJDSI.EC Datasheet HTML 15Page - OSRAM GmbH LCWJDSI.EC Datasheet HTML 16Page - OSRAM GmbH LCWJDSI.EC Datasheet HTML 17Page - OSRAM GmbH LCWJDSI.EC Datasheet HTML 18Page - OSRAM GmbH LCWJDSI.EC Datasheet HTML 19Page - OSRAM GmbH LCWJDSI.EC Datasheet HTML 20Page - OSRAM GmbH LCWJDSI.EC Datasheet HTML 21Page - OSRAM GmbH LCWJDSI.EC Datasheet HTML 22Page - OSRAM GmbH LCWJDSI.EC Datasheet HTML 23Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
2012-10-17 Preliminary data - subject to change
20
Draft Version 0.0
LCW JDSI.EC
Transportation Packing and Materials
Kartonverpackung und Materialien
Dimensions of transportation box in mm (inch)
Width / Breite
Length / Länge
Height / Höhe
195 ± 5 (7.677 ± 0.1968)
195 ± 5 (7.677 ± 0.1968)
30 ± 5 (1.181 ± 0.196)
OHA02044
1
0
1
1
210021998
0
2
45
Packing
Sealing label
Barcode label
Moist
u
re
L
e
ve
l
3
F
loo
r
tim
e
16
8
H
ours
M
o
is
tu
re
Level
6F
lo
o
r time
6
Ho
u
rs
a
)
Hum
idit
y
I
ndi
c
ato
r
Card
is
>
10%
whe
n
read
a
t 23
˚C
±
5
˚C
,
o
r
reflow,
vapo
r-
p
hase
re
fl
o
w,
o
r e
q
u
ival
e
nt
proc
es
s
ing
(
peak
package
2
. Af
ter
t
h
is
b
a
g
is
op
e
n
e
d,
devic
e
s
th
a
t wi
ll b
e
s
ubj
e
cted
t
o
i
n
fr
a
re
d
1.
She
lf
life
i
n
se
ale
d
ba
g
:
24
m
on
ths
at
<
4
0
˚C
a
nd
<
90%
re
la
ti
ve
humid
ity
(RH).
M
ois
tur
e
Level
5a
at
fa
c
tory
con
di
ti
o
n
s
o
f
(i
f blank
, s
e
al
date
is
i
de
ntic
al
w
ith
date
c
od
e
).
a
)
M
ounted
within
b
) Sto
re
d
at
body
temp.
3.
Device
s
r
equ
ir
e
b
aki
n
g
, b
e
fo
re
m
oun
ting
, i
f:
Bag
sea
l
d
ate
Mois
ture
L
e
v
el
1
Mois
ture
Lev
el
2
M
o
is
ture
Lev
e
l
2
a
4.
I
f b
a
kin
g
is
r
e
quired,
b)
2a
or
2
b
is
n
o
t
m
e
t.
Dat
e
a
n
d
t
ime
ope
ned
:
re
fer
e
nc
e
IP
C/
J
ED
EC
J
-STD
-0
33
for
ba
ke
p
ro
ce
d
u
re
.
Floo
r t
ime
se
e
b
e
lo
w
If
b
lan
k,
s
ee
b
a
r
c
ode
lab
e
l
Flo
or
ti
me
>
1
Ye
a
r
F
lo
o
r
tim
e
1
Ye
ar
Floo
r t
im
e
4
W
eeks
10%
R
H
.
_
<
Moist
u
re
L
e
v
el
4
Mo
is
tu
re
L
eve
l 5
˚C).
OPT
O
SEM
ICO
N
DUCT
O
RS
MOISTUR
E
SEN
SIT
IVE
Thi
s b
ag
con
tains
CAUTION
F
lo
or
t
ime
7
2
Hou
rs
Floor
time
48
Ho
u
rs
Floor
t
ime
2
4
Hours
3
0
˚C/60%
RH.
_
<
LEVEL
If
b
la
nk,
se
e
b
a
r
c
od
e
la
b
el
Barcode label



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com