Electronic Components Datasheet Search
  English  ▼

X  

LCWJDSI.EC Datasheet(PDF) 12 Page - OSRAM GmbH

Part # LCWJDSI.EC
Description  white SMT package, colored diffused silicone resin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWJDSI.EC Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button LCWJDSI.EC Datasheet HTML 8Page - OSRAM GmbH LCWJDSI.EC Datasheet HTML 9Page - OSRAM GmbH LCWJDSI.EC Datasheet HTML 10Page - OSRAM GmbH LCWJDSI.EC Datasheet HTML 11Page - OSRAM GmbH LCWJDSI.EC Datasheet HTML 12Page - OSRAM GmbH LCWJDSI.EC Datasheet HTML 13Page - OSRAM GmbH LCWJDSI.EC Datasheet HTML 14Page - OSRAM GmbH LCWJDSI.EC Datasheet HTML 15Page - OSRAM GmbH LCWJDSI.EC Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
2012-10-17 Preliminary data - subject to change
12
Draft Version 0.0
LCW JDSI.EC
Relative Forward Voltage 5) page 23
Relative Vorwärtsspannung 5) Seite 23
VF = VF - VF(25°C) = f(Tj); IF = 120 mA
Relative Luminous Intensity 5) page 23
Relative Lichtstärke 5) Seite 23
IV/IV(25)°C = f(Tj); IF = 120mA
Chromaticity Coordinate Shift 5) page 23
Farbortverschiebung 5) Seite 23
Cx, Cy = f(Tj); IF = 120 mA
LxW JDSx.PC
-40 -20 0 20406080 100 120
Tj [°C]
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
ΔVF[V]
-40 -20 0 20 40 60 80 100
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
ΙV
ΙV (25°C)
-40 -20 0 20 40 60 80 100
Tj [°C]
-0,03
-0,02
-0,01
0,00
0,01
0,02
0,03
ΔCx; ΔCy
: Cx
: Cy
4000 K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com