Electronic Components Datasheet Search
  English  ▼

X  

LCWJDSI.EC Datasheet(PDF) 19 Page - OSRAM GmbH

Part # LCWJDSI.EC
Description  white SMT package, colored diffused silicone resin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWJDSI.EC Datasheet(HTML) 19 Page - OSRAM GmbH

Back Button LCWJDSI.EC Datasheet HTML 15Page - OSRAM GmbH LCWJDSI.EC Datasheet HTML 16Page - OSRAM GmbH LCWJDSI.EC Datasheet HTML 17Page - OSRAM GmbH LCWJDSI.EC Datasheet HTML 18Page - OSRAM GmbH LCWJDSI.EC Datasheet HTML 19Page - OSRAM GmbH LCWJDSI.EC Datasheet HTML 20Page - OSRAM GmbH LCWJDSI.EC Datasheet HTML 21Page - OSRAM GmbH LCWJDSI.EC Datasheet HTML 22Page - OSRAM GmbH LCWJDSI.EC Datasheet HTML 23Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Draft Version 0.0
LCW JDSI.EC
2012-10-17 Preliminary data - subject to change
19
Barcode-Product-Label (BPL)
Barcode-Produkt-Etikett (BPL)
Dry Packing Process and Materials
Trockenverpackung und Materialien
Note: Moisture-sensitive product is packed in a dry bag containing desiccant and a humidity card.
Regarding dry pack you will find further information in the internet and in the Short Form Catalog in
chapter “Tape and Reel” under the topic “Dry Pack”. Here you will also find the normative references
like JEDEC.
Anm.: Feuchteempfindliche Produkte sind verpackt in einem Trockenbeutel zusammen mit einem
Trockenmittel und einer Feuchteindikatorkarte.
Bezüglich Trockenverpackung finden Sie weitere Hinweise im Internet und in unserem Short Form
Catalog im Kapitel “Gurtung und Verpackung” unter dem Punkt “Trockenverpackung”. Hier sind
Normenbezüge, unter anderem ein Auszug der JEDEC-Norm, enthalten.
OHA04563
(G) GROUP:
1234567890
(1T) LOT NO:
(9D) D/C:
1234
(X) PROD NO:
123456789
(6P) BATCH NO:
1234567890
LX XXXX
RoHS Compliant
BIN1: XX-XX-X-XXX-X
ML
2
Temp
ST
260 °C R
Pack: R18
DEMY
022
B_R999_1880.1642 R
9999
(Q)QTY:
Semiconductors
OSRAM Opto
XX-XX-X-X
OHA00539
Moisture-sensitive label or print
Barcode label
Desiccant
Humidity indicator
Barcode label
OSRAM
Moisture
Level
3
F
loor
time
168
Hours
Moisture
Level
6
Floor
time
6
Hours
a)
Humidity
Indicat
o
r C
ard
is
>
10%
w
h
e
n
read
at
23
˚C
±
5
˚C,
or
reflow,
vapor-phase
r
eflow,
or
e
quivalent
processing
(p
eak
pack
age
2.
After
this
bag
is
opened,
devices
that
will
be
subjected
to
in
frared
1.
S
helf
life
i
n
sealed
bag:
24
months
a
t <
40
˚C
and
<
90
%
r
e
lative
humidity
(RH).
M
o
isture
L
evel
5a
at
factory
cond
itions
of
(if
b
lank,
se
al
da
te
i
s
identical
with
date
code).
a)
Mounted
within
b)
Stored
at
b
ody
temp.
3.
Devices
requir
e
b
aki
ng,
bef
o
re
m
o
unting,
if:
Bag
seal
date
Moisture
L
evel
1
Moisture
Level
2
Moisture
Level
2a
4.
If
baking
is
required,
b)
2a
or
2b
is
no
t m
e
t.
Date
and
time
o
pened:
ref
erence
IPC/JEDEC
J-STD-033
for
bake
proc
edure.
Fl
oor
time
see
below
If
blank,
see
bar
code
label
Floor
time
>
1
Year
Floor
time
1
Year
F
loo
r time
4
Weeks
10%
RH.
_
<
Moisture
Level
4
Moisture
Level
5
˚C)
.
OPTO
SEMICONDUCTORS
MOISTURE
SENSI
T
IVE
This
bag
contains
CAUTION
Floor
time
72
Hours
Floo
r time
48
Hours
F
loo
r time
24
H
o
urs
30
˚C/60%
RH.
_
<
LEVEL
If
blank,
see
bar
c
ode
la
b
el



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com