Electronic Components Datasheet Search
  English  ▼

X  

MP2499M Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP2499M
Description  36V, 3A Max, High-Efficiency, Synchronous, Step-Down Converter with Output Line Drop Compensation
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2499M Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP2499M Datasheet HTML 10Page - Monolithic Power Systems MP2499M Datasheet HTML 11Page - Monolithic Power Systems MP2499M Datasheet HTML 12Page - Monolithic Power Systems MP2499M Datasheet HTML 13Page - Monolithic Power Systems MP2499M Datasheet HTML 14Page - Monolithic Power Systems MP2499M Datasheet HTML 15Page - Monolithic Power Systems MP2499M Datasheet HTML 16Page - Monolithic Power Systems MP2499M Datasheet HTML 17Page - Monolithic Power Systems MP2499M Datasheet HTML 18Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
MP2499M – 36V, 3A MAX, SYNCHRONOUS BUCK CONVERTER
MP2499M Rev 1.0
www.MonolithicPower.com
16
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
PCB Layout Guidelines (7)
Efficient PCB layout, especially of the input
capacitor and VCC capacitor placement, is
critical for stable operation. For best results,
refer to Figure 9 and follow the guidelines below.
1. Place the ceramic input capacitors as close
to IN and PGND as possible.
2. Keep the connection of the input capacitor
and IN as short and wide as possible.
3. Place the VCC capacitor as close to VCC
and AGND as possible.
4. Make the trace length of the VCC pin to the
VCC capacitor anode to the VCC capacitor
cathode to the chip
’s AGND pin as short as
possible.
5. Use a large ground plane to connect to
PGND directly.
6. Add vias near PGND if the bottom layer is a
ground plane.
7. Route SW and BST away from sensitive
analog areas such as FB.
8. Place the feedback resistor close to the chip
to ensure that the trace connecting to FB is
as short as possible.
NOTE:
7)
The
recommended
layout
is
based
on
the
Typical
Application Circuit page 17.
VIN
GND
Vo
Top Layer
VIN
GND
sw
Bottom Layer
Figure 9: Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com