Electronic Components Datasheet Search
  English  ▼

X  

MP2499M Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2499M
Description  36V, 3A Max, High-Efficiency, Synchronous, Step-Down Converter with Output Line Drop Compensation
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2499M Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2499M Datasheet HTML 7Page - Monolithic Power Systems MP2499M Datasheet HTML 8Page - Monolithic Power Systems MP2499M Datasheet HTML 9Page - Monolithic Power Systems MP2499M Datasheet HTML 10Page - Monolithic Power Systems MP2499M Datasheet HTML 11Page - Monolithic Power Systems MP2499M Datasheet HTML 12Page - Monolithic Power Systems MP2499M Datasheet HTML 13Page - Monolithic Power Systems MP2499M Datasheet HTML 14Page - Monolithic Power Systems MP2499M Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
MP2499M – 36V, 3A MAX, SYNCHRONOUS BUCK CONVERTER
MP2499M Rev 1.0
www.MonolithicPower.com
11
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
OPERATION
The
MP2499M
is
a
high-frequency,
synchronous, rectified, step-down, switch-mode
converter with built-in power MOSFETs. The
MP2499M offers a very compact solution to
achieve 3A max of continuous output current
with built-in output line drop compensation.
The MP2499M operates in a fixed-frequency,
peak-current-control
mode
to
regulate
the
output voltage. An internal clock initiates a
PWM cycle. The integrated high-side power
MOSFET (HS-FET) turns on and remains on
until its current reaches the value set by the
error amplifier (EA) COMP voltage (VCOMP).
When the power switch is off, it remains off until
the next clock cycle begins. If the current in the
power MOSFET does not reach the current
value set by COMP within 97% of one PWM
period, the power MOSFET is forced off.
Internal Regulator
The 5V internal regulator powers most of the
internal circuitries. This regulator takes the VIN
input and operates in the full VIN range. When
VIN exceeds 5.0V, the output of the regulator is
in full regulation. When VIN falls below 5.0V, the
output of the regulator decreases following VIN.
A
0.1µF
decoupling
ceramic
capacitor
is
needed at VCC.
Error Amplifier (EA)
The error amplifier (EA) compares the FB
voltage against the internal 0.8V reference
(REF) and outputs a COMP voltage. This
COMP voltage controls the power MOSFET
current. The optimized internal compensation
network minimizes the external component
count and simplifies the control loop design.
Enable/SYNC Control
EN/SYNC is a digital control pin that turns the
regulator on and off. Drive EN/SYNC high to
turn on the regulator; drive EN/SYNC low to
turn off the regulator. EN/SYNC cannot be
floated.
EN/SYNC is clamped internally using a 6.5V
series Zener diode (see Figure 2). Connect the
EN/SYNC input through a pull-up resistor to any
voltage connected to IN. The pull-up resistor
limits the EN/SYNC input current below 150µA.
For example, with 12V connected to VIN,
RPULLUP ≥ (12V - 6.5V) ÷ 150µA = 36.7kΩ.
Connecting EN/SYNC to a voltage source
directly without a pull-up resistor requires
limiting the
voltage amplitude to ≤6V to prevent
damage to the Zener diode.
Figure 2: 6.5V Type Zener Diode
Connect an external clock with a range of
200kHz to 2.4MHz to synchronize the internal
clock rising edge to the external clock rising
edge. The pulse width of the external clock
signal should be less than 3
μs.
Under-Voltage Lockout (UVLO)
Under-voltage lockout (UVLO) protects the chip
from operating at an insufficient supply voltage.
The MP2499M UVLO comparator monitors the
output voltage of the internal regulator (VCC).
The UVLO rising threshold is about 4.5V, while
its falling threshold is 4.3V.
Internal Soft Start (SS)
Soft start (SS) prevents the converter output
voltage
from
overshooting
during
start-up.
When the chip starts up, the internal circuitry
generates a soft-start voltage that ramps up
from 0V to 1.2V. When SS is lower than REF,
SS overrides REF so the error amplifier uses
SS as the reference. When SS exceeds REF,
the error amplifier uses REF as the reference.
The SS time is set to 1.6ms internally.
Output Line Drop Compensation
The MP2499M is capable of compensating for
an
output
voltage
drop,
such
as
high
impedance caused by a long trace, to maintain
a fairly constant load-side voltage.
The MP2499M uses the sensed load current
through the external sensing resistor (RSENSE) to
sink a current (ISINK) at FB. Calculate ISINK with
Equation (1):
LOAD
SENSE
SINK
IR
I
16.5k
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com