Electronic Components Datasheet Search
  English  ▼

X  

MP2499M Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP2499M
Description  36V, 3A Max, High-Efficiency, Synchronous, Step-Down Converter with Output Line Drop Compensation
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2499M Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP2499M Datasheet HTML 5Page - Monolithic Power Systems MP2499M Datasheet HTML 6Page - Monolithic Power Systems MP2499M Datasheet HTML 7Page - Monolithic Power Systems MP2499M Datasheet HTML 8Page - Monolithic Power Systems MP2499M Datasheet HTML 9Page - Monolithic Power Systems MP2499M Datasheet HTML 10Page - Monolithic Power Systems MP2499M Datasheet HTML 11Page - Monolithic Power Systems MP2499M Datasheet HTML 12Page - Monolithic Power Systems MP2499M Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
MP2499M – 36V, 3A MAX, SYNCHRONOUS BUCK CONVERTER
MP2499M Rev 1.0
www.MonolithicPower.com
9
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
PIN FUNCTIONS
Package
Pin #
Name
Description
1, 2
IN
Supply voltage. The MP2499M operates from a 5V to 36V input rail. A capacitor
(C1) is required to decouple the input rail. Connect IN using a wide PCB trace.
3
NC
No connection. Do not connect.
4
ISENSE
Output current sense. Connect a resistor from ISENSE close to AGND to sense
the output current and set the continuous output current limit threshold.
5
EN/SYNC
Enable/synchronize. Drive EN/SYNC high to enable the MP2499M; drive
EN/SYNC low to disable the MP2499M. EN/SYNC cannot be floated. Apply an
external clock to EN/SYNC to change the switching frequency.
6
FB
Feedback. Connect FB to the tap of an external resistor divider from the output to
GND to set the output voltage. The frequency foldback comparator lowers the
oscillator frequency when the FB voltage is below 240mV to prevent current limit
runaway during a short-circuit fault condition.
7
VCC
Bias supply. Decouple VCC with a 0.1
μF to 0.22μF capacitor. Select a capacitor
that does not exceed 0.22
μF.
8
AGND
Analog ground.
9
SW
Switch output. Connect SW using a wide PCB trace.
10
BST
Bootstrap. A capacitor is required connected between SW and BST to form a
floating supply across the high-side switch driver. A 20
Ω resistor placed between
the SW and BST capacitor is strongly recommended to reduce SW voltage spikes.
11, 12, 13
PGND
System ground. PGND is the reference ground of the regulated output voltage.
PGND required requires special care during PCB layout. For best results, connect
PGND with copper traces and vias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com