Electronic Components Datasheet Search
  English  ▼

X  

MP2499M Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2499M
Description  36V, 3A Max, High-Efficiency, Synchronous, Step-Down Converter with Output Line Drop Compensation
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2499M Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2499M Datasheet HTML 1Page - Monolithic Power Systems MP2499M Datasheet HTML 2Page - Monolithic Power Systems MP2499M Datasheet HTML 3Page - Monolithic Power Systems MP2499M Datasheet HTML 4Page - Monolithic Power Systems MP2499M Datasheet HTML 5Page - Monolithic Power Systems MP2499M Datasheet HTML 6Page - Monolithic Power Systems MP2499M Datasheet HTML 7Page - Monolithic Power Systems MP2499M Datasheet HTML 8Page - Monolithic Power Systems MP2499M Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
MP2499M – 36V, 3A MAX, SYNCHRONOUS BUCK CONVERTER
MP2499M Rev 1.0
www.MonolithicPower.com
3
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
VIN ...................................................-0.3V to 40V
VSW.................................... -0.3V (-5V for <10ns)
to 41V (43V for <10ns)
VBST ...................................................... VSW + 6V
All other pins ................................ -0.3V to 6V
(2)
Continuous power dissipation (TA = +25°C)
(3)
QFN-13 (2.5mmx3mm) ............................ 2.08W
Junction temperature ................................150°C
Lead temperature .....................................260°C
Storage temperature .................. -65°C to 150°C
Recommended Operating Conditions
Continuous supply voltage (VIN)..........5V to 36V
Output voltage (VOUT) ............. 0.8V to DMAX x VIN
Operating junction temp. (TJ). .. -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
QFN-13 (2.5mmx3mm).......... 60....... 13 ... °C/W
NOTES:
1) Absolute maximum ratings are rated under room temperature
unless otherwise noted. Exceeding these ratings may
damage the device.
2) For details on EN/SYNC
’s ABS max rating, please refer to the
Enable/SYNC Control section on page 12.
3) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation produces an excessive die temperature, causing
the regulator to go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com