Electronic Components Datasheet Search
  English  ▼

X  

MP2499M Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2499M
Description  36V, 3A Max, High-Efficiency, Synchronous, Step-Down Converter with Output Line Drop Compensation
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2499M Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2499M Datasheet HTML 1Page - Monolithic Power Systems MP2499M Datasheet HTML 2Page - Monolithic Power Systems MP2499M Datasheet HTML 3Page - Monolithic Power Systems MP2499M Datasheet HTML 4Page - Monolithic Power Systems MP2499M Datasheet HTML 5Page - Monolithic Power Systems MP2499M Datasheet HTML 6Page - Monolithic Power Systems MP2499M Datasheet HTML 7Page - Monolithic Power Systems MP2499M Datasheet HTML 8Page - Monolithic Power Systems MP2499M Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MP2499M
36V, 3A Max, High-Efficiency,
Synchronous, Step-Down Converter
with Output Line Drop Compensation
MP2499M Rev 1.0
www.MonolithicPower.com
1
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
DESCRIPTION
The MP2499M is a synchronous, rectified, step-
down,
switch-mode
converter
with
built-in
power MOSFETs. The MP2499M offers a very
compact solution that achieves a maximum of
3A of continuous output current with built-in,
output, line drop compensation.
The
MP2499M
has
synchronous
mode
operation for high efficiency over the output
current load range. Current-mode operation
provides fast transient response and eases loop
stabilization.
Full protection features include over-current
protection (OCP) and thermal shutdown.
The MP2499M requires a minimal number of
readily
available,
standard,
external
components and is available in a space-saving
QFN-13 (2.5mmx3mm) package.
FEATURES
 Wide 5V to 36V Continuous Operating Input
Range
 85mΩ/55mΩ Low R
DS(ON) Internal Power
MOSFETs
 High-Efficiency Synchronous Mode
Operation
 Default 270kHz Switching Frequency
 Synchronizes to a 200kHz to 2.4MHz
External Clock
 Internal Soft Start
 Output Line Drop Compensation
 Accurate Continuous Output Current Limit
with External Resistor
 Over-Current Protection (OCP) and Hiccup
 Thermal Shutdown
 Output Adjustable from 0.8V
 Available in a QFN-13 (2.5mmx3mm)
Package
APPLICATIONS
 USB Dedicated Charging Ports (DCP)
 Automotive Cigarette Lighter Adapters
 USB Chargers
 USB PD Applications
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit MPS website under Quality
Assurance.
“MPS” and “The Future of Analog IC Technology” are registered
trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
IN
EN/SYNC
VCC
ISENSE
AGND
PGND
BST
SW
FB
C1
22μF
VIN 12V
EN/SYNC
C3
0.1μF
R3
40mΩ
+
R4
20Ω
C4
0.1μF
L1
11μH
R1
82.5kΩ
R2
15.4kΩ
C2
100μF
VOUT
5V/2.4A
MP2499M
C2A
1μF


Similar Part No. - MP2499M

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2499MGQB MPS-MP2499MGQB Datasheet
949Kb / 7P
High Efficiency, 3A Max, 36V Synchronous, Step-Down Converter Evaluation Board
More results

Similar Description - MP2499M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62090 TI1-TLV62090_16 Datasheet
1Mb / 27P
3A High Efficiency Synchronous Step-Down Converter
logo
Monolithic Power System...
MPQ4423 MPS-MPQ4423 Datasheet
618Kb / 18P
High Efficiency 3A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MPQ4423A MPS-MPQ4423A Datasheet
2Mb / 20P
3A, 36V, High-Efficiency, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4423H MPS-MPQ4423H Datasheet
649Kb / 18P
High Efficiency 3A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MP9943A MPS-MP9943A Datasheet
751Kb / 19P
High Efficiency 3A Peak, 36V, Synchronous Step-Down Converter With Power Good
MP4423 MPS-MP4423 Datasheet
616Kb / 18P
High Efficiency 3A, 36V, Synchronous Step Down Converter
MP4423A MPS-MP4423A Datasheet
818Kb / 20P
3A, 36V, High-Efficiency, Synchronous, Step-Down Converter
MP4423H MPS-MP4423H Datasheet
662Kb / 18P
High Efficiency 3A, 36V, Synchronous Step Down Converter
MP9943 MPS-MP9943 Datasheet
693Kb / 20P
High Efficiency 3A Peak, 36V, Synchronous Step Down Converter With Power Good
EV2499M-QB-00A MPS-EV2499M-QB-00A Datasheet
949Kb / 7P
High Efficiency, 3A Max, 36V Synchronous, Step-Down Converter Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com