Electronic Components Datasheet Search
  English  ▼

X  

MP4423 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP4423
Description  High Efficiency 3A, 36V, Synchronous Step Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4423 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP4423 Datasheet HTML 10Page - Monolithic Power Systems MP4423 Datasheet HTML 11Page - Monolithic Power Systems MP4423 Datasheet HTML 12Page - Monolithic Power Systems MP4423 Datasheet HTML 13Page - Monolithic Power Systems MP4423 Datasheet HTML 14Page - Monolithic Power Systems MP4423 Datasheet HTML 15Page - Monolithic Power Systems MP4423 Datasheet HTML 16Page - Monolithic Power Systems MP4423 Datasheet HTML 17Page - Monolithic Power Systems MP4423 Datasheet HTML 18Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
MP4423 – 36V, 3A SYNCHRONOUS STEP-DOWN CONVERTER
MP4423 Rev. 1.0
www.MonolithicPower.com
15
8/18/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
For most application, a 22µF ceramic capacitor is
sufficient to maintain the DC input voltage. And it
is strongly recommended to use another lower
value capacitor (e.g. 1µF) with small package
size (0603) to absorb high frequency switching
noise. Make sure place the small size capacitor
as close to IN and GND pins as possible (see
PCB LAYOUT section).
Since C1 absorbs the input switching current, it
requires an adequate ripple current rating. The
RMS current in the input capacitor can be
estimated by:
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
×
−
×
=
IN
OUT
IN
OUT
LOAD
1
C
V
V
1
V
V
I
I
The worse case condition occurs at VIN = 2VOUT,
where:
2
I
I
LOAD
1
C =
For simplification, choose an input capacitor with
an RMS current rating greater than half of the
maximum load current.
The input capacitor can be electrolytic, tantalum
or ceramic. When using electrolytic or tantalum
capacitors, add a small, high quality ceramic
capacitor (e.g. 1μF) placed as close to the IC as
possible. When using ceramic capacitors, make
sure that they have enough capacitance to
provide sufficient charge to prevent excessive
voltage ripple at input. The input voltage ripple
caused by capacitance can be estimated by:
LOAD
OUT
OUT
IN
IN
SIN
IV
V
V1
fC1
V
V
⎛⎞
Δ=
×
× −
⎜⎟
×
⎝⎠
Selecting the Output Capacitor
The output capacitor (C2) maintains the DC
output voltage. Use ceramic, tantalum, or low-
ESR electrolytic capacitors. For best results, use
low ESR capacitors to keep the output voltage
ripple low. The output voltage ripple can be
estimated by:
OUT
OUT
OUT
ESR
S1
IN
S
VV
1
V1
R
fL
V
8 f
C2
⎛⎞
⎛⎞
Δ=
× −
×
+
⎜⎟
⎜⎟
×× ×
⎝⎠ ⎝
⎠
Where L1 is the inductor value and RESR is the
equivalent series resistance (ESR) value of the
output capacitor.
For
ceramic
capacitors,
the
capacitance
dominates the impedance at the switching
frequency, and the capacitance causes the
majority of the output voltage ripple. For
simplification, the output voltage ripple can be
estimated by:
OUT
OUT
OUT
2
IN
S1
VV
ΔV1
V
8f
L
C2
⎛⎞
=× −
⎜⎟
×× ×
⎝⎠
For tantalum or electrolytic capacitors, the ESR
dominates the impedance at the switching
frequency. For simplification, the output ripple
can be approximated to:
OUT
OUT
OUT
ESR
IN
S1
VV
ΔV1
R
fL
V
⎛⎞
=× −
×
⎜⎟
×
⎝⎠
The characteristics of the output capacitor also
affect the stability of the regulation system. The
MP4423 can be optimized for a wide range of
capacitance and ESR values.
BST Resistor and External BST Diode
A 20ohm resistor in series with BST capacitor is
recommended to reduce the SW spike voltage.
Higher resistance is better for SW spike
reduction, but will compromise the efficiency on
the other hand.
An external BST diode can enhance the
efficiency of the regulator when the duty cycle is
high (>65%). A power supply between 2.5V and
5V can be used to power the external bootstrap
diode and VCC or VOUT is the good choice of
this power supply in the circuit as shown in
Figure 6.
CBST
COUT
L
BST
SW
External BST diode
1N4148
VCC/VOUT
VCC
VOUT
RBST
Figure 6: Optional External Bootstrap Diode to
Enhance Efficiency
The recommended external BST diode is IN4148,
and the BST capacitor value is 0.1µF to 1μF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com