Electronic Components Datasheet Search
  English  ▼

X  

MP4423 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP4423
Description  High Efficiency 3A, 36V, Synchronous Step Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4423 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP4423 Datasheet HTML 6Page - Monolithic Power Systems MP4423 Datasheet HTML 7Page - Monolithic Power Systems MP4423 Datasheet HTML 8Page - Monolithic Power Systems MP4423 Datasheet HTML 9Page - Monolithic Power Systems MP4423 Datasheet HTML 10Page - Monolithic Power Systems MP4423 Datasheet HTML 11Page - Monolithic Power Systems MP4423 Datasheet HTML 12Page - Monolithic Power Systems MP4423 Datasheet HTML 13Page - Monolithic Power Systems MP4423 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
MP4423 – 36V, 3A SYNCHRONOUS STEP-DOWN CONVERTER
MP4423 Rev. 1.0
www.MonolithicPower.com
10
8/18/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
PIN FUNCTIONS
Package
Pin #
Name
Description
1
FB
Feedback. Connect to the tap of an external resistor divider from the output to GND, to set
the output voltage. The frequency fold-back comparator lowers the oscillator frequency
when the FB voltage is below 660mV to prevent current limit runaway during a short-
circuit fault condition.
2
VCC
Bias Supply. Decouple with 0.1μF-to-0.22μF capacitor. Select a capacitor that does not
exceed 0.22μF.
3
EN/SYNC
Enable/Synchronize. EN high to enable the MP4423. Apply an external clock to the EN
pin to change the switching frequency.
4
BST
Bootstrap. Requires a capacitor connected between SW and BST pins to form a floating
supply across the high-side switch driver. A 20Ω resistor placed between SW and BST
cap is strongly recommended to reduce SW spike voltage.
5
GND
System Ground. This pin is the reference ground of the regulated output voltage, and PCB
layout requires special care. For best results, connect to GND with copper traces and
vias.
6
SW
Switch Output. Connect using a wide PCB trace.
7
IN
Supply Voltage. The MP4423 operates from a 4V to 30V input rail. Requires C1 to
decouple the input rail. Connect using a wide PCB trace.
8
PG
Power Good. The output of this pin is an open drain and goes high if the output voltage
exceeds 90% of the nominal voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com