Electronic Components Datasheet Search
  English  ▼

X  

MP4423 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP4423
Description  High Efficiency 3A, 36V, Synchronous Step Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4423 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP4423 Datasheet HTML 1Page - Monolithic Power Systems MP4423 Datasheet HTML 2Page - Monolithic Power Systems MP4423 Datasheet HTML 3Page - Monolithic Power Systems MP4423 Datasheet HTML 4Page - Monolithic Power Systems MP4423 Datasheet HTML 5Page - Monolithic Power Systems MP4423 Datasheet HTML 6Page - Monolithic Power Systems MP4423 Datasheet HTML 7Page - Monolithic Power Systems MP4423 Datasheet HTML 8Page - Monolithic Power Systems MP4423 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MP4423
High Efficiency 3A, 36V,
Synchronous Step Down Converter
MP4423 Rev. 1.0
www.MonolithicPower.com
1
8/18/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP4423 is a high-frequency, synchronous,
rectified, step-down, switch-mode converter
with built-in power MOSFETs. It offers a very
compact solution to achieve a 3A continuous
output current with excellent load and line
regulation over a wide input supply range. The
MP4423 has synchronous mode operation for
higher efficiency over the output current load
range.
Current-mode operation provides fast transient
response and eases loop stabilization.
Full protection features include over-current
protection and thermal shut down.
The MP4423 requires a minimal number of
readily-available standard external components,
and is available in a space-saving QFN-8
(3mmx3mm) package.
FEATURES
• Wide 4V to 30V Continuous Operating Input
Range
• 36V Input Transient Tolerance for
Automotive Load Dump
• 85mΩ/55mΩ Low RDS(ON) Internal Power
MOSFETs
• High-Efficiency Synchronous Mode
Operation
• Default 410kHz Switching Frequency
• Synchronizes to a 200kHz to 2.2MHz
External Clock
• High Duty Cycle for Automotive Cold-crank
• Power-Save Mode
• Internal Soft-Start
• Power Good
• OCP Protection and Hiccup
• Thermal Shutdown
• Output Adjustable from 0.8V
• Available in an QFN-8 (3mmx3mm)
package
APPLICATIONS
• Automotive
• Industrial Control System
• Distributed Power Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
MP4423
BST
SW
FB
EN/SYNC
IN
EN/SYNC
VIN
VOUT
47 F
C2
L1
10 H
R2
R1
41.2k
13k
C1
22 F
3.3V/3A
GND
VCC
PG
C3
0.1 F
R3
51k
C4
100nF
R4
20


Similar Part No. - MP4423

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4423A MPS-MP4423A Datasheet
818Kb / 20P
3A, 36V, High-Efficiency, Synchronous, Step-Down Converter
MP4423AGQ MPS-MP4423AGQ Datasheet
818Kb / 20P
3A, 36V, High-Efficiency, Synchronous, Step-Down Converter
MP4423H MPS-MP4423H Datasheet
662Kb / 18P
High Efficiency 3A, 36V, Synchronous Step Down Converter
MP4423HGQ MPS-MP4423HGQ Datasheet
662Kb / 18P
High Efficiency 3A, 36V, Synchronous Step Down Converter
More results

Similar Description - MP4423

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7272A RICHTEK-RT7272A Datasheet
255Kb / 14P
3A, 36V, 500kHz Synchronous Step-Down Converter
RT7272B RICHTEK-RT7272B Datasheet
262Kb / 15P
3A, 36V, 500kHz Synchronous Step-Down Converter
logo
Texas Instruments
TLV62090 TI1-TLV62090_16 Datasheet
1Mb / 27P
3A High Efficiency Synchronous Step-Down Converter
logo
Monolithic Power System...
MPQ4423 MPS-MPQ4423 Datasheet
618Kb / 18P
High Efficiency 3A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MPQ4423A MPS-MPQ4423A Datasheet
2Mb / 20P
3A, 36V, High-Efficiency, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4423H MPS-MPQ4423H Datasheet
649Kb / 18P
High Efficiency 3A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MP4420A MPS-MP4420A Datasheet
1Mb / 20P
2A, 36V, High-Efficiency, Synchronous, Step-Down Converter
MP4423A MPS-MP4423A Datasheet
818Kb / 20P
3A, 36V, High-Efficiency, Synchronous, Step-Down Converter
MP4423H MPS-MP4423H Datasheet
662Kb / 18P
High Efficiency 3A, 36V, Synchronous Step Down Converter
EV2499M-QB-00A MPS-EV2499M-QB-00A Datasheet
949Kb / 7P
High Efficiency, 3A Max, 36V Synchronous, Step-Down Converter Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com