Electronic Components Datasheet Search
  English  ▼

X  

MP4423 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP4423
Description  High Efficiency 3A, 36V, Synchronous Step Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4423 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP4423 Datasheet HTML 10Page - Monolithic Power Systems MP4423 Datasheet HTML 11Page - Monolithic Power Systems MP4423 Datasheet HTML 12Page - Monolithic Power Systems MP4423 Datasheet HTML 13Page - Monolithic Power Systems MP4423 Datasheet HTML 14Page - Monolithic Power Systems MP4423 Datasheet HTML 15Page - Monolithic Power Systems MP4423 Datasheet HTML 16Page - Monolithic Power Systems MP4423 Datasheet HTML 17Page - Monolithic Power Systems MP4423 Datasheet HTML 18Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
MP4423 – 36V, 3A SYNCHRONOUS STEP-DOWN CONVERTER
MP4423 Rev. 1.0
www.MonolithicPower.com
16
8/18/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
PCB Layout
PCB layout, especially the input capacitor and
VCC capacitor placement, is very important to
achieve stable operation. For the best results,
follow these guidelines:
1) Place the ceramics input capacitor as close to
IN and GND pins as possible, especially the
small package size (0603) input bypass capacitor.
Keep the connection of input capacitor and IN pin
as short and wide as possible.
2) Place the VCC capacitor to VCC pin and GND
pin as close as possible. Make the trace length of
VCC pin-VCC capacitor anode-VCC capacitor
cathode-chip GND pin as short as possible.
3) Use large ground plane directly connect to
GND pin. Add vias near the GND pin if bottom
layer is ground plane.
4) Route SW, BST away from sensitive analog
areas such as FB.
5) Place the T-type feedback resistor close to
chip to ensure the trace which connects to FB pin
as the short as possible.
Top Layer
Bottom Layer
Figure 7: Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com