Electronic Components Datasheet Search
  English  ▼

X  

MP4423 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP4423
Description  High Efficiency 3A, 36V, Synchronous Step Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4423 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP4423 Datasheet HTML 10Page - Monolithic Power Systems MP4423 Datasheet HTML 11Page - Monolithic Power Systems MP4423 Datasheet HTML 12Page - Monolithic Power Systems MP4423 Datasheet HTML 13Page - Monolithic Power Systems MP4423 Datasheet HTML 14Page - Monolithic Power Systems MP4423 Datasheet HTML 15Page - Monolithic Power Systems MP4423 Datasheet HTML 16Page - Monolithic Power Systems MP4423 Datasheet HTML 17Page - Monolithic Power Systems MP4423 Datasheet HTML 18Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
MP4423 – 36V, 3A SYNCHRONOUS STEP-DOWN CONVERTER
MP4423 Rev. 1.0
www.MonolithicPower.com
14
8/18/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The external resistor divider sets the output
voltage (see Typical Application on page 1). The
feedback resistor R1 also sets the feedback loop
bandwidth
with
the
internal
compensation
capacitor. Choose R1 around 40kΩ. R2 is then
given by:
1
0.792V
V
R1
R2
OUT
−
=
The T-type network—as shown in Figure 4—is
highly recommended when VOUT is low.
R2
R1
RT
FB
VOUT
Figure 4: T-Type Network
RT+R1 is used to set the loop bandwidth.
Basically, higher RT+R1, lower bandwidth. To
ensure
the
loop
stability,
it
is
strongly
recommended to limit the bandwidth lower than
40kHz based on the 410kHz default fsw. Table 1
lists the recommended T-type resistors value for
common output voltages.
Table 1: Resistor Selection for Common Output
Voltages
VOUT (V)
R1 (kΩ)
R2 (kΩ)
RT (kΩ)
3.3
41.2 (1%)
13 (1%)
51 (1%)
5
41.2 (1%)
7.68 (1%)
51 (1%)
Selecting the Inductor
Use a1µH-to-10µH inductor with a DC current
rating of at least 25% percent higher than the
maximum load current for most applications. For
highest efficiency, an inductor with small DC
resistance is recommended. For most designs,
the inductance value can be derived from the
following equation.
OUT
IN
OUT
1
IN
L
OSC
V(V
V
)
L
VI
f
×−
=
×Δ ×
Where ΔIL is the inductor ripple current.
Choose the inductor ripple current to be
approximately 30% of the maximum load current.
The maximum inductor peak current is:
2
I
I
I
L
LOAD
)
MAX
(
L
Δ
+
=
Use a larger inductor for improved efficiency
under light-load conditions—below 100mA.
VIN UVLO Setting
MP4423 has internal fix under voltage lock out
(UVLO) threshold: rising threshold is 3.5V while
falling threshold is about 3.3V. For the application
needs higher UVLO point, external resistor
divider between EN and IN as shown in figure 4
can be used to get higher equivalent UVLO
threshold.
VIN
EN
IN
R5
500k
R6
Figure 5: Adjustable UVLO using EN divider
The UVLO threshold can be computed from
below two equations:
EN_RISING
RISING
V
500k//R6
R5
(1
INUV
×
+
=
)
EN_FALLING
FALLING
V
500k//R6
R5
(1
INUV
×
+
=
)
Where VEN_RISING=1.4V, VEN_FALLING=1.25V.
When choose R5, make sure it is big enough to
limit the current flows into EN pin lower than
150uA.
Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous, therefore requires a capacitor is to
supply the AC current to the step-down converter
while maintaining the DC input voltage. Use low
ESR capacitors for the best performance. Use
ceramic capacitors with X5R or X7R dielectrics
for best results because of their low ESR and
small temperature coefficients.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com