Electronic Components Datasheet Search
  English  ▼

X  

MP8868 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP8868
Description  High-Efficiency, 10A, 17V, Synchronous Step-Down Converter with I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8868 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP8868 Datasheet HTML 13Page - Monolithic Power Systems MP8868 Datasheet HTML 14Page - Monolithic Power Systems MP8868 Datasheet HTML 15Page - Monolithic Power Systems MP8868 Datasheet HTML 16Page - Monolithic Power Systems MP8868 Datasheet HTML 17Page - Monolithic Power Systems MP8868 Datasheet HTML 18Page - Monolithic Power Systems MP8868 Datasheet HTML 19Page - Monolithic Power Systems MP8868 Datasheet HTML 20Page - Monolithic Power Systems MP8868 Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
MP8868 – SYNCHRONOUS STEP-DOWN CONVERTER
MP8868 Rev.1.1
www.MonolithicPower.com
17
5/15/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
Once the I2C receives valid output reference
voltage scaling instruction, if V_BOOT=“1”,
output voltage is determined by the resistor
divider R1, R2 and VREF voltage. VOUT value can
be calculated by following equation (VREF
default value is 0.6V):
)
R2
R1
(1
V
V
REF
OUT
+
×
=
If V_BOOT=“0”, the output voltage will be
determined by I2C control and the FB feedback
loop is disabled.
The output reference voltage scaling is realized
by adjusting internal reference voltage V_REF
which is the non-invert input of error amplifier.
After MP8868 receives a valid data byte of
output reference voltage setting, it searches the
corresponding reference voltage from the truth
table and then sends the command of adjusting
Vref with controlled slew rate. The slew rate is
determined by 3 bits of another register which
can be read and write accordingly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com