Electronic Components Datasheet Search
  English  ▼

X  

MP8868 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP8868
Description  High-Efficiency, 10A, 17V, Synchronous Step-Down Converter with I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8868 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP8868 Datasheet HTML 10Page - Monolithic Power Systems MP8868 Datasheet HTML 11Page - Monolithic Power Systems MP8868 Datasheet HTML 12Page - Monolithic Power Systems MP8868 Datasheet HTML 13Page - Monolithic Power Systems MP8868 Datasheet HTML 14Page - Monolithic Power Systems MP8868 Datasheet HTML 15Page - Monolithic Power Systems MP8868 Datasheet HTML 16Page - Monolithic Power Systems MP8868 Datasheet HTML 17Page - Monolithic Power Systems MP8868 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
MP8868 – SYNCHRONOUS STEP-DOWN CONVERTER
MP8868 Rev.1.1
www.MonolithicPower.com
14
5/15/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
OPERATION
The MP8868 is a high-frequency, synchronous,
rectified, step-down, switch-mode converter
with built-in power MOSFETs. It offers a very
compact solution that achieves a 10A output
current with excellent load and line regulation
over a wide input supply range.
The MP8868 has three working modes: CCM
(Continues-Conduction Mode), AAM mode
(Advanced Asynchronous Modulation) and
DCM (Discontinues-Conduction Mode). The
MP8868 default operation mode is CCM. When
set MODE bit(reg01[0]) in the I2C register to “0”.
MP8868 can works in the AAM mode.
CCM Control Operation
In CCM the internal clock initiates the PWM
cycle, the HS-FET turns on and remains on
until VILsense reaches the value set by VCOMP,
after a period of dead time, the LS-FET will turn
on and remain on until the next clock cycle
starts. The device will repeat the same
operation in every clock cycle to regulate the
output voltage.
If within 95% (500kHz switching frequency) of
one PWM period, VILsense does not reach the
value set by VCOMP, the HS power MOSFET is
forced off.
AAM Control Operation
In the light load condition, MP8868 works in
AAM (Advanced Asynchronous Modulation)
mode if Mode bit is set to “0”. Refer to Figure 2,
the VAAM is an internal fixed voltage when input
and output voltages are fixed. VCOMP is the error
amplifier output which represents the peak
inductor current information. When VCOMP is
lower than VAAM, the internal clock is blocked,
thus the MP8868 skips some pulses and
achieves the light load power save. Refer to
AN032 for more detail.
The internal clock resets every time when VCOMP
is higher than VAAM. At the same time the HS-
FET(High-Side MOSFET) turns on and remains
on until VILsense reaches the value set by VCOMP.
The light load feature in this device is optimized
for 12V input applications.
Figure 2: Simplified AAM Control Logic
DCM Control Operation
The VCOMP voltage ramps up with the increasing
of the output current, when its minimum value
exceeds VAAM, the device will enter DCM
(Discontinues-Conduction Mode). In this mode
the internal clock initiates the PWM cycle, the
HS-FET turns on and remains on until VILsense
reaches the value set by VCOMP, after a period of
dead time, the LS-FET (Low-Side MOSFET)
will turn on and remain on until the inductor
current value decreases to zero. The device will
repeat the same operation in every clock cycle
to regulate the output voltage.
IL
Figure 3: DCM Control Operation
VCC Regulator
A 5V internal regulator powers most of the
internal circuitries. This regulator takes the VIN
input and operates in the full VIN range. When
VIN is greater than 5.0V, the output of the
regulator is in full regulation. When VIN is lower
than 5.0V, the output voltage decreases and
follows the input voltage. A 0.47μF ceramic
capacitor for decoupling purpose is required.
Error Amplifier
The error amplifier compares the FB pin voltage
against the internal reference (REF) for FB
control loop and outputs the COMP voltage—
which controls the power MOSFET current. In
I2C mode, the FB pin is opened and VOUT pin
is connected to the EA non-inverter input. The
optimized
internal
compensation
network



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com