Electronic Components Datasheet Search
  English  ▼

X  

MP8868 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8868
Description  High-Efficiency, 10A, 17V, Synchronous Step-Down Converter with I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8868 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8868 Datasheet HTML 1Page - Monolithic Power Systems MP8868 Datasheet HTML 2Page - Monolithic Power Systems MP8868 Datasheet HTML 3Page - Monolithic Power Systems MP8868 Datasheet HTML 4Page - Monolithic Power Systems MP8868 Datasheet HTML 5Page - Monolithic Power Systems MP8868 Datasheet HTML 6Page - Monolithic Power Systems MP8868 Datasheet HTML 7Page - Monolithic Power Systems MP8868 Datasheet HTML 8Page - Monolithic Power Systems MP8868 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
MP8868
High-Efficiency, 10A, 17V, Synchronous
Step-Down Converter with I2C Interface
MP8868 Rev.1.1
www.MonolithicPower.com
1
5/15/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP8868 is a high-frequency, synchronous,
rectified, stepdown, switch-mode converter with
an I2C control interface. Its fully integrated
solution achieves a 10A output current with
excellent load and line regulation over a wide
input-supply range.
The reference voltage level is controlled on-the-
fly by the I2C serial interface with the reference
voltage range adjustable from 0.6V to 1.87V in
10mV steps. In addition, the voltage scaling
slew rate, the switching frequency, enable, and
power-save mode are selectable through the
I2C interface.
Current-mode operation provides fast transient
response
and
eases
loop
stabilization.
EN/SYNC
supports
external
clock
synchronization, and an open-drain power good
pin indicates when the output voltage is in the
nominal range. Full protection features include:
• Over-voltage protection (OVP)
• Hiccup over-current protection (OCP)
• Thermal shutdown
The MP8868 requires a minimal number of
readily
available,
standard,
external
components, and it is available in a QFN-14
(3x4mm) package.
FEATURES
• Wide 4.5V-to-17V Operating Input Range
• 1% Internal Reference Accuracy
• I2C
Programmable
Reference
Output
Voltage
• Range from 0.6V to 1.87V in 10mV Steps
with Slew Rate Control
• I2C Selectable Switching Frequency
• 200kHz-2MHz Synchronized External Clock
• OTP, OCP Hiccup Indication Via I2C
• Selectable PSM and Fs Through I2C
• Programmable Soft-Start Time
• Open-Drain Power Good Indicator
• Small 3x4mm QFN14 Package
APPLICATIONS
• SoC and Media Processors
• FPGA-based Systems
• ASIC Supplies
• Distributed Power Systems
All MPS parts are lead-free, halogen free, and adhere to the RoHS
directive. For MPS green status, please visit MPS website under
Quality Assurance. “MPS” and “The Future of Analog IC Technology”
are Registered Trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
0.01
30
40
50
60
70
80
90
100
0.10
1.00
10.00


Similar Part No. - MP8868

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8861 MPS-MP8861 Datasheet
1Mb / 37P
2.85V - 18V, 6A, High-Efficiency, Wide-Input,Synchronous, Step-Down Converter with Integrated Telemetry via I2C Interface
Rev. 1.1 5/28/2020
MP8861GL MPS-MP8861GL Datasheet
1Mb / 37P
2.85V - 18V, 6A, High-Efficiency, Wide-Input,Synchronous, Step-Down Converter with Integrated Telemetry via I2C Interface
Rev. 1.1 5/28/2020
MP8864 MPS-MP8864 Datasheet
1Mb / 29P
High-Efficiency, 4 A, 21 V, Synchronous Step-Down Converter with I2C Interface
MP8864GQ MPS-MP8864GQ Datasheet
1Mb / 29P
High-Efficiency, 4 A, 21 V, Synchronous Step-Down Converter with I2C Interface
MP8865 MPS-MP8865 Datasheet
1Mb / 29P
High-Efficiency, 6A, 21V, Synchronous Step-Down Converter with I2C Interface
More results

Similar Description - MP8868

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8714 MPS-MP8714 Datasheet
788Kb / 20P
High-Efficiency, 10A, 17V, Synchronous, Step-Down Converter With External Soft Start and Power Good
MP8846 MPS-MP8846 Datasheet
895Kb / 27P
High-Efficiency, 6A, 8V, Synchronous Step-Down Converter with I2C Interface
MP8865 MPS-MP8865 Datasheet
1Mb / 29P
High-Efficiency, 6A, 21V, Synchronous Step-Down Converter with I2C Interface
MP8867 MPS-MP8867 Datasheet
967Kb / 27P
High-Efficiency, 8A, 17V, Synchronous Step-Down Converter with I2C Interface
MP8869 MPS-MP8869 Datasheet
2Mb / 37P
17V, 12A, High-Efficiency, Synchronous Step-Down Converter with Integrated Telemetry via I2C Interface
EV8714-LE-00A MPS-EV8714-LE-00A Datasheet
396Kb / 6P
High Efficiency,10A,17V, Synchronous Step-Down Converter Evaluation Board
EV8867-LE-00A MPS-EV8867-LE-00A Datasheet
444Kb / 6P
High Efficiency,8A,17V, Synchronous Step-Down Converter with I2C Interface
EV8869W-L-00A MPS-EV8869W-L-00A Datasheet
1Mb / 12P
High Efficiency,12A,17V, Synchronous Step-Down Converter with I2C Interface
MP8771 MPS-MP8771 Datasheet
1Mb / 23P
17V, 10A, 700kHz, High-Efficiency, Synchronous, Step-Down Converter
MP8869W MPS-MP8869W_V01 Datasheet
66Kb / 1P
High-Efficiency, 12A, 18V, Synchronous Step-Down Converter with I2C Interface
Rev.0.8 4/25/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com