Electronic Components Datasheet Search
  English  ▼

X  

MP8868 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP8868
Description  High-Efficiency, 10A, 17V, Synchronous Step-Down Converter with I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8868 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP8868 Datasheet HTML 2Page - Monolithic Power Systems MP8868 Datasheet HTML 3Page - Monolithic Power Systems MP8868 Datasheet HTML 4Page - Monolithic Power Systems MP8868 Datasheet HTML 5Page - Monolithic Power Systems MP8868 Datasheet HTML 6Page - Monolithic Power Systems MP8868 Datasheet HTML 7Page - Monolithic Power Systems MP8868 Datasheet HTML 8Page - Monolithic Power Systems MP8868 Datasheet HTML 9Page - Monolithic Power Systems MP8868 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
MP8868 – SYNCHRONOUS STEP-DOWN CONVERTER
MP8868 Rev.1.1
www.MonolithicPower.com
6
5/15/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
I/O Level Characteristics
HS-Mode
LS-Mode
Parameter
Symbol
Condition
Min
Max
Min
Max
Units
Low-level input voltage
VIL
-0.5
0.3
VBus
-0.5
0.3V
Bus
V
High-level input voltage
VIH
0.7
3VBus
VBus+
0.5
0.7
VBus
VBus+
0.5
V
VBus>2V
0.05V
Bus
-
0.05
VBus
-
Hysteresis of Schmitt trigger
inputs
VHYS
VBus<2V
0.1
VBus
-
0.1
VBus
-
V
VBus>2V
0
0.4
0
0.4
Low-level output voltage(Open
drain) at 3mA sink current
VOL
VBus<2V
0
0.2
VBus
0
0.2VB
us
V
Low-level output current
IOL
-
3
-
3
mA
Transfer gate on resistance for
currents between SDA and
SCAH, or SCL and SCLH
RonL
VOL level, IOL=3mA
-
50
-
50
Ω
Transfer gate on resistance
between SDA and SCAH, or
SCL and SCLH
RonH
Both signals (SDA and SDAH,
or SCL and SCLH) at VBus
level
50
-
50
-
kΩ
Pull-up current of the SCLH
current source
Ics
SCLH output levels between
0.3VBus and 0.7VBus
2
6
2
6
mA
Output rise time (current source
enabled) with an external pull-
up current source of 3mA
Capacitive load from 10pF to
100pF
10
40
ns
Rise time of the SCLH or SCL
signal
trCL
Capacitive load of 400pF
20
80
ns
Output fall time (current source
enabled) with an external pull-
up current source of 3mA
Capacitive load from 10pF to
100pF
10
40
ns
Fall time of the SCLH or SCL
signal
tfCL
Capacitive load of 400pF
20
80
20
250
ns
Capacitive load from 10pF to
100pF
10
80
-
-
ns
Rise time of SDAH signal
trDA
Capacitive load of 400pF
20
160
20
250
ns
Capacitive load from 10pF to
100pF
10
80
-
-
ns
Fall time of SDAH signal
tfDA
Capacitive load of 400pF
20
160
20
250
ns
Pulse width of spikes that must
be suppressed by the input filter
tSP
0
10
0
50
ns
Input current each I/O pin
Ii
Input voltage between 0.1VBus
and 0.9VBus
-
10
-10
+10
uA
Capacitance for each I/O pin
Ci
-
10
-
10
pF
Notes:
VBus is the I
2C Bus Voltage, 3.0V to 3.6V range, 3.3V typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com