Electronic Components Datasheet Search
  English  ▼

X  

MP8868 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP8868
Description  High-Efficiency, 10A, 17V, Synchronous Step-Down Converter with I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8868 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP8868 Datasheet HTML 1Page - Monolithic Power Systems MP8868 Datasheet HTML 2Page - Monolithic Power Systems MP8868 Datasheet HTML 3Page - Monolithic Power Systems MP8868 Datasheet HTML 4Page - Monolithic Power Systems MP8868 Datasheet HTML 5Page - Monolithic Power Systems MP8868 Datasheet HTML 6Page - Monolithic Power Systems MP8868 Datasheet HTML 7Page - Monolithic Power Systems MP8868 Datasheet HTML 8Page - Monolithic Power Systems MP8868 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
MP8868 – SYNCHRONOUS STEP-DOWN CONVERTER
MP8868 Rev.1.1
www.MonolithicPower.com
5
5/15/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, TJ = -40°C to 125°C
(7), unless otherwise noted, typical value is based on average value
when TJ=25
oC.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Power Good Deglitch time
PGTd
100
160
μs
OVP Discharge Resistor
ROV
From VOUT pin to GND
35
70
Ω
VOUT and FB pins,
TJ =25°C
114%
126%
OVP Rising Threshold
VEN_Rise
VOUT and FB pins,
TJ = -40°C to 125°C
113%
120%
127%
VREF
OVP Falling Threshold
VEN_Fall
VOUT and FB pins
101%
105%
108%
VREF
Soft-Start Current
iSS
7
10
12
μA
VCC Voltage
VCC
TJ = -40°C to 125°C
4.75
4.95
5.1
V
VCC Load Regulation
ICC=5mA
1
3
%
Thermal Shutdown
(8)
TTSD
160
°C
Thermal Hysteresis
(8)
TTSD_HYS
20
°C
Notes:
7) Not tested in production and guaranteed by over-temperature correlation.
8) Guaranteed by Design and Characterization Test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com