Electronic Components Datasheet Search
  English  ▼

X  

MP8869GL Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP8869GL
Description  17V, 12A, High-Efficiency, Synchronous Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8869GL Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP8869GL Datasheet HTML 14Page - Monolithic Power Systems MP8869GL Datasheet HTML 15Page - Monolithic Power Systems MP8869GL Datasheet HTML 16Page - Monolithic Power Systems MP8869GL Datasheet HTML 17Page - Monolithic Power Systems MP8869GL Datasheet HTML 18Page - Monolithic Power Systems MP8869GL Datasheet HTML 19Page - Monolithic Power Systems MP8869GL Datasheet HTML 20Page - Monolithic Power Systems MP8869GL Datasheet HTML 21Page - Monolithic Power Systems MP8869GL Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
MP8869
– 17V, 12A, SYNCHRONOUS STEP-DOWN CONVERTER
PRELIMINARY SPECIFICATIONS SUBJECT TO CHANGE
MP8869 Rev.1.0
www.MonolithicPower.com
18
6/8/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Light-Load Operation
When the MP8869 works in auto PFM/PWM
mode or light-load operation, the MP8869
reduces the switching frequency automatically
to maintain high efficiency, and the inductor
current drops almost to zero. When the inductor
current reaches zero, the LS-FET driver goes
into tri-state (high-Z) (see Figure 4). The output
capacitors discharge slowly to GND through R1
and R2. This operation improves efficiency
greatly when the output current is low.
VEAO
VOUT
VIN
Ton is constant
IL
VSW
VRAMP
IOUT
Current Modulator Time
Figure 4: Light-Load Operation
Light-load operation is also called skip mode
because the HS-FET does not turn on as
frequently during heavy-load condition. The
frequency at which the HS-FET turns on is a
function of the output current. As the output
current increases, the time period that the
current modulator regulates becomes shorter,
the HS-FET turns on more frequently, and the
switching frequency increases. The output
current reaches critical levels when the current
modulator time is zero and can be determined
with Equation (1):
IN
OUT
OUT
OUT
SW
IN
(V
V
) V
I
2 L F
V

 
(1)
The device reverts to PWM mode once the
output
current
exceeds
the
critical
level.
Afterward, the switching frequency remains
fairly constant over the output current range.
The MP8869 can operate in pulse frequency
modulation (PFM) mode under light load to
improve
efficiency
(low-power
mode).
The
MP8869 can also operate in forced PWM mode
at any load condition. This mode is selectable
through the I
2C control. To enable low-power
mode, set the mode bit to 0. To disable low
power mode, set the Mode bit to 1, and the
converter will work in forced PWM mode. The
Mode bit is set to 0 (PFM) by default.
Operating without an External Ramp
The traditional constant-on-time control scheme
is intrinsically unstable if the
output capacitor’s
ESR is not large enough to be an effective
current-sense
resistor.
Ceramic
capacitors
cannot be used as output capacitors, usually.
The
MP8869
has
built-in,
internal
ramp
compensation to ensure that the system is
stable, even without the help of the output
capacitor’s ESR. The pure ceramic capacitor
solution can reduce the output ripple, total BOM
cost, and board area significantly.
VCC Regulator
A 3.5V internal regulator powers most of the
internal
circuitries.
A
470nF
decoupling
capacitor is needed to stabilize the regulator
and reduce ripple. This regulator takes the VIN
input and operates in the full VIN range. After
EN is pulled high, and VIN is greater than 3.5V,
the output of the regulator is in full regulation.
When VIN is lower than 3.5V, the output
voltage
decreases
and
follows
the
input
voltage.
A 0.47μF ceramic capacitor is required
for decoupling.
Error Amplifier (EA)
The error amplifier (EA) compares the FB
voltage against the internal 0.6V reference
(REF) for non-I
2C mode and outputs a PWM
signal. In I
2C mode, FB is opened, and VOUT is
connected to the EA non-inverter input. The
reference voltage can be programmed from
0.6V to 1.87V in the I
2C control loop. The
optimized
internal
ramp
compensation
minimizes the external component count and
simplifies the control loop design.
Enable (EN)
EN is a digital control pin that turns the
regulator, including the I
2C block, on and off.
Drive EN high to turn on the regulator; drive EN
low to turn off the regulator. An internal 1.5M
Ω
resistor is connected from EN to ground. EN
can operate with an 18V input voltage, which
allows EN to be directly connected to VIN for
automatic start-up. When the external EN is
high, set the EN bit to 0 in register 01 to stop
the HS-FET and LS-FET from switching. The
MP8869 resumes switching by setting the EN
bit to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com