Electronic Components Datasheet Search
  English  ▼

X  

MP8869GL Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP8869GL
Description  17V, 12A, High-Efficiency, Synchronous Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8869GL Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP8869GL Datasheet HTML 16Page - Monolithic Power Systems MP8869GL Datasheet HTML 17Page - Monolithic Power Systems MP8869GL Datasheet HTML 18Page - Monolithic Power Systems MP8869GL Datasheet HTML 19Page - Monolithic Power Systems MP8869GL Datasheet HTML 20Page - Monolithic Power Systems MP8869GL Datasheet HTML 21Page - Monolithic Power Systems MP8869GL Datasheet HTML 22Page - Monolithic Power Systems MP8869GL Datasheet HTML 23Page - Monolithic Power Systems MP8869GL Datasheet HTML 24Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
MP8869
– 17V, 12A, SYNCHRONOUS STEP-DOWN CONVERTER
PRELIMINARY SPECIFICATIONS SUBJECT TO CHANGE
MP8869 Rev.1.0
www.MonolithicPower.com
20
6/8/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PG implements an adjustable deglitch time via
the I
2C whenever VOUT crosses the UV/OV
rising and falling threshold. This guarantees the
correct indication when the output voltage is
scaled through the I
2C.
The PG output is pulled low immediately when
either EN UVLO, input UVLO, OCP, or OTP are
triggered.
Input Over-Voltage Protection (VIN OVP)
The MP8869 monitors VIN to detect an input
over-voltage event. This function is active only
when the output is in OV or soft-stop condition.
When the output is in OVP state, or soft stop is
enabled, output discharge is enabled to charge
the input voltage high. When the input voltage
exceeds the input OVP threshold, both the HS-
FET and LS-FET stop switching.
Output Over-Voltage Protection (OVP)
The MP8869 monitors both FB and VOUT to
detect an over-voltage event. When setting the
V_BOOT bit to 1, an internal comparator
monitors FB. When setting the V_BOOT bit to 0,
the internal comparator monitors VOUT. When
the FB or VOUT voltage becomes higher than
125% of the internal reference voltage, the
controller enters dynamic regulation mode, and
the input voltage may be charged up during this
time. When input OVP is triggered, the IC stops
switching. If OVP mode is set to
“Auto Retry” in
the I
2C, the IC begins switching once the input
voltage drops below the VIN OVP recover
threshold. Otherwise, the MP8869 latches off.
OVP auto-retry mode or latch-off mode occurs
only if the soft start has finished.
Dynamic regulation mode can be operated by
turning on the low side until the low-side
negative current limit is triggered. Then the
body diode of the HS-FET free-wheels the
current.
The output power charges the input, which may
trigger the VIN OVP function. In VIN OVP,
neither the HS-FET or LS-FET turn on and stop
charging VIN. If the output is still over-voltage
and the input voltage drops below the VIN OVP
threshold, repeat the operation. If the output
voltage is below 110% of the internal reference
voltage, then output OVP is exited.
Output Absolute Over-Voltage Protection
(OVP_ABS)
The MP8869 monitors the VOUT voltage to
detect absolute over-voltage protection. When
VOUT is larger than 6.5V, the controller enters
dynamic regulation mode if the OVP retry bit is
set to 1 in the I
2C register 01. Otherwise, the
MP8869 latches off when output OVP and input
OVP are both triggered. Absolute OVP works
once both the input voltage and EN are higher
than their rising thresholds. This means that this
function can work even during a soft start.
Thermal Shutdown
Thermal shutdown prevents the chip from
operating at exceedingly high temperatures.
When the silicon die reaches temperatures that
exceed 160°C, the entire chip shuts down.
When the temperature is less than its lower
threshold (typically 140°C), the chip is enabled
again.
The D[1] and D[2] bits can be monitored in
register 06 for more information about the IC
silicon temperature.
Floating Driver and Bootstrap Charging
An external bootstrap capacitor powers the
floating power MOSFET driver. This floating
driver has its own UVLO protection. This
UVLO’s rising threshold is 2.4V with a 150mV
hysteresis. The bootstrap capacitor voltage is
regulated by VIN internally through D1, M1, C4,
L1 and C2 (see Figure 5). If VBST - VSW exceeds
3.3V, U1 regulates M1 to maintain a 3.3V BST
voltage across C4.
VIN
D1
M1
3.3V
C4
BST
SW
L1
VOUT
C2
U1
Figure 5: Internal Bootstrap Charging Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com