Electronic Components Datasheet Search
  English  ▼

X  

MP8869GL Datasheet(PDF) 23 Page - Monolithic Power Systems

Part # MP8869GL
Description  17V, 12A, High-Efficiency, Synchronous Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8869GL Datasheet(HTML) 23 Page - Monolithic Power Systems

Back Button MP8869GL Datasheet HTML 19Page - Monolithic Power Systems MP8869GL Datasheet HTML 20Page - Monolithic Power Systems MP8869GL Datasheet HTML 21Page - Monolithic Power Systems MP8869GL Datasheet HTML 22Page - Monolithic Power Systems MP8869GL Datasheet HTML 23Page - Monolithic Power Systems MP8869GL Datasheet HTML 24Page - Monolithic Power Systems MP8869GL Datasheet HTML 25Page - Monolithic Power Systems MP8869GL Datasheet HTML 26Page - Monolithic Power Systems MP8869GL Datasheet HTML 27Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
MP8869
– 17V, 12A, SYNCHRONOUS STEP-DOWN CONVERTER
MP8869 Rev.1.0
www.MonolithicPower.com
23
6/8/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
REGISER DESCRIPTION
Register Map
The MP8869 contains six write or read registers.
Register 00 is the output voltage selection
register. Register 01 is the first system control
register, and users can use it to set the slew rate,
hiccup OCP, etc. Register 02 is the second
system control register, and users can use to set
the switching frequency, current limit, etc.
Register 03 and register 04 are output current
and output voltage indicating registers. Register
05 is the IC ID register. Register 06 is the IC
status indication register, and users can use it to
check if the IC is in an over-current protection,
over-temperature protection status, etc. The
register map is shown below.
ADD
NAME
R/W
D7
D6
D5
D4
D3
D2
D1
D0
00
VSEL
R/W
V_BOOT
Output reference
01
SysCntlreg1
R/W
EN
GO_BIT
Slew rate
Retry
OVP
Hiccup
OCP
Mode
02
SysCntlreg2
R/W
PG deglitch time
Switching
frequency
Soft
stop
Current limit adjust
03
Output
current
R
Output current
04
Output
voltage
R
Output voltage
05
ID1
R
Vendor ID
Die ID
06
Status
R
Reserved
OC
OTEW
OT
PG
Register Description
1) Reg00 VSEL
Register 00 is the output voltage selection
register. The MP8869 default output voltage is
determined by the FB resistor divider after the
MP8869 power start-up or EN start-up. The
reference voltage in the FB control loop is fixed
at 0.6V.
After the MP8869 starts up, the output voltage
can be controlled by the I
2C through setting the
highest bit V_BOOT = 0. Before adjusting the
output reference voltage, the bit GO_BIT of the
first system control register 01 should be set to 1,
and then the output reference voltage can be
adjusted by the lower seven bits of register 00 in
the I
2C loop. When the output reference voltage
setting command is finished, GO_BIT auto-resets
to 0 to prevent false operation of the VOUT
scaling. GO_BIT should be set to 1 before
adjusting the output reference voltage in the I
2C
loop.
Table 3 shows the output voltage selection chart
from 0.6V to 1.87V in the I
2C control loop.
NAME
BITS
DEFAULT
DESCRIPTION
V_BOOT
D[7]
1
FB control loop enable bit. V_BOOT = 1 means the output voltage is
determined by the resistor divider connecting to FB. The FB reference
voltage is fixed at 0.6V. V_BOOT = 0 means the output voltage is controlled
by the I
2C through VOUT. This bit is helpful for the default output voltage
setting before the I
2C signal is active. If the I2C is not used, the part works
well with FB.
Output
reference
D[6:0]
001 1110
Set the output voltage from 0.6V to 1.87V (see Table 3). The default value
is 0.9V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com